Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 75 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 71Page - Texas Instruments TUSB3200A Datasheet HTML 72Page - Texas Instruments TUSB3200A Datasheet HTML 73Page - Texas Instruments TUSB3200A Datasheet HTML 74Page - Texas Instruments TUSB3200A Datasheet HTML 75Page - Texas Instruments TUSB3200A Datasheet HTML 76Page - Texas Instruments TUSB3200A Datasheet HTML 77Page - Texas Instruments TUSB3200A Datasheet HTML 78Page - Texas Instruments TUSB3200A Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
A.5.2.4
DMA Channel 2 Time Slot Assignment Register (Low Byte) (DMATSL2
− Address FFF6h)
The DMA channel 2 time slot assignment register (low byte) contains the eight least significant time slot
bits. The time slot assignment bits are used to define which codec port interface time slots are supported
by DMA channel 2. The DMA channel will control the transfer of data between the USB endpoint buffers
and the codec port interface registers based on which bits are set. The direction of the data transfer
depends on the value of the USB endpoint direction bit (EPDIR) in the DMA channel 2 control register.
The desired time slot bits should be set by the MCU before the DMA channel is enabled. There are a total
of fourteen time slot bits for each DMA channel.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
TSL7
TSL6
TSL5
TSL4
TSL3
TSL2
TSL1
TSL0
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
TSL(7:0)
Time slot assignment
The DMA time slot assignment bits are set to a 1 by the MCU to
define the codec port interface time slots supported by this DMA
channel.
A.5.2.5
DMA Channel 2 Time Slot Assignment Register (High Byte) (DMATSH2
− Address FFF5h)
The DMA channel 2 time slot assignment register (high byte) contains the six most significant time slot
bits. In addition, this register contains the bytes per time slot control bits.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
BPTS1
BPTS0
TSL13
TSL12
TSL11
TSL10
TSL9
TSL8
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:6
BPTS(1:0)
Bytes per time slot
The bytes per time slot bits are used to define the number of bytes to
be transferred for each time slot supported by this DMA channel.
00b = 1 byte, 01b = 2 bytes, 10b = 3 bytes, 11b = 4 bytes
5:0
TSL(13:8)
Time slot assignment
The DMA time slot assignment bits are set to a 1 by the MCU to
define the codec port interface time slots supported by this DMA
channel.
Copyright © 2001–2011, Texas Instruments Incorporated
MCU Memory and Memory-Mapped Registers
75
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com