Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 67 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 67 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 63Page - Texas Instruments TUSB3200A Datasheet HTML 64Page - Texas Instruments TUSB3200A Datasheet HTML 65Page - Texas Instruments TUSB3200A Datasheet HTML 66Page - Texas Instruments TUSB3200A Datasheet HTML 67Page - Texas Instruments TUSB3200A Datasheet HTML 68Page - Texas Instruments TUSB3200A Datasheet HTML 69Page - Texas Instruments TUSB3200A Datasheet HTML 70Page - Texas Instruments TUSB3200A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
A.4.4.6.2 USB In Endpoint
− Isochronous Configuration Byte
This section defines the functionality of the bits in the USB in endpoint configuration byte for isochronous
endpoints.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
IEPEN
ISO
OVF
BPS4
BPS3
BPS2
BPS1
BPS0
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
IEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the in endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a
particular in endpoint for isochronous transactions. This bit should be cleared to
a 0 by the MCU for a particular in endpoint to be used for control, interrupt, or
bulk transactions.
5
OVF
Overflow
The overflow bit is set to a 1 by the UBM to indicate a buffer overflow condition
has occurred. This bit is used for diagnostic purposes only and is not used for
normal operation. This bit can only be cleared to a 0 by the MCU.
4:0
BPS(4:0)
Bytes per sample
The bytes per sample bits are used to define the number of bytes per
isochronous data sample. In other words, the total number of bytes in an entire
audio codec frame. For example, a PCM 16-bit stereo audio data sample
consists of 4 bytes. There are two bytes of left channel data and two bytes of
right channel data. For a four channel system using 16-bit data, the total
number of bytes would be 8, which would be the isochronous data sample size.
00h = 1 byte, 01h = 2 bytes, …, 1Fh = 32 bytes
A.4.5 USB Control Endpoint Setup Stage Data Packet Buffer
The USB control endpoint setup stage data packet buffer is the buffer space used to store the 8-byte data
packet received from the host PC during a control endpoint transfer setup stage transaction. See Chapter
9 of the USB Specification for details on the data packet.
Table A-2. USB Control Endpoint Setup Data Packet
Buffer Address Map
ADDRESS
NAME
wLength – Number of bytes to transfer in the data
FF2Fh
stage.
wLength – Number of bytes to transfer in the data
FF2Eh
stage.
FF2Dh
wIndex – Index or offset value.
FF2Ch
wIndex – Index or offset value.
wValue – Value of a parameter specific to the
FF2Bh
request.
wValue – Value of a parameter specific to the
FF2Ah
request.
FF29h
bRequest – Specifies the particular request.
bmRequestType – Identifies the characteristics of the
FF28h
request.
Copyright © 2001–2011, Texas Instruments Incorporated
MCU Memory and Memory-Mapped Registers
67
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com