Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 64 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 64 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
64/140
Interrupt notification
Reference point
Time from reference point to interrupt generation
or interrupt generation timing
INT[8]
CCA completion
CCA execution start
(1)Normal mode
{ED value calculation averaging time + IDLE_WAIT setting
[IDLE_WAIT_L/H:B0 0x17/18] + 2 (filter stbilization)} * A/D
conversion time
(2) IDLE detection mode
IDLE detection case
{ED value calculation averaging time + IDLE_WAIT setting
[IDLE_WAIT_L/H:B0 0x17/18] + 2(filter stbilization)} * A/D
conversion time
BUSY detection case
(ED value calculation averaging tim+ 2(filter stbilization)) * A/D
conversion
Note: A/D conversion time can be changed by ADC_CLK_SET
(ADC_CLK_SET:B0 0x08(4)). ADC conversion time= 17.7μs
(1.8MHz), 16μs (2.0MHz)
Note: When executing CCA during diversity, set the abort timer
for CCA completion notification. When CCA is run during
diversity, since there is a case CCA completion is not notified.
INT[9]
Diversity search
completion
-
diversity search completion
TX_ON command
(IDLE) 122μs
(RX) 89μs
RX_ON command
(IDLE) 136μs
(TX) 142μs
TRX_OFF
command
(TX) 410μs
(RX) 11μs
INT[10]
RF state transition
completion
Force_TRX_OFF
command
(TX) 410μs
(RX) 10μs
INT[11]
SFD detection
-
SFD detection
INT[12]
RX length error
SFD detection
80μs
INT[13]
TX length error
-
Writing TX data to a FIFO
INT[14]
RX FIFO access error
-
(1).receiving 3
rd packet with remaining RX dara in both FIFO0
and FIFO1
(2) overfolow occurs because FIFO read is too slow
(3) underflow occurs because too many FIFO data is read
INT[15]
TX FIFO access error
-
(1) writing 3
rd packet with remaining TX data in both FIFO0 and
FIFO1
(2) FIFO overflow when writing
(3) FIFO underflow (or no data) when transmitting
INT[16]
INT[17]
FIFO0/FIFO1 TX
completion
TX_ON command
(* 1)
(When FEC is disabled)
40byte (preamble to CRC) * 8bit * 10(symbol time) +
RF wake-up & process delay(154μs) =3354μs
(When FEC is enabled)
{12byte (preamble to SFD) + 28byte (Length to CRC) * 2} * 8bit
* 10(symbol time) + RF wake-up & process delay(224μs)
=5664μs
(* 1) Befor issuing TX_ON, writing full-length TX data into a FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com