Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 76 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 76 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
76/140
●Programming GFSK modulation
By setting GFSK_EN ([DATA_SET;B0 0x47(4)]) =0b1, GFSK modulation can be selected.
Programming GFSK frequency deviation
In GFSK modulation, frequency deviation can be set by [F_DEV_L:B0 0x4E] and [F_DEV_H:B0 0x4F] registers.
Frequency deviation setting value can be calculated using the following formula.
F_DEV = {fDEV / fREF} * 2
20 (Integer part)
[note: using 20bit circuit]
Here
F_DEV
: Frequency deviation setting
fDEV
: Frequency deviation [MHz]
fREF
: PLL reference frequency (input clock=36MHz)
[Example] When set frequency deviation is 50 kHz at 100kbps, the calculation are as follow. (fREF = 36MHz)
F_DEV = {0.05MHz / 36MHz} * 220 (Integer part) = 1456 (0x05B0)
Therefore
[F_DEV_L:B0 0x4E] = 0xB0
[CH_SPACE_H:B0 0x4D] = 0x05
Following table shows frequency deviation value with modulation index (m) =1 for each data rate.
Data rate
Register
50kbps
100kbps
150kbps
200kbps
[F_DEV_L:B0 0x4E]
0xD8
0xB0
0x44
0x60
[F_DEV_H:B0 0x4F]
0x02
0x05
0x04
0x0B
Note: For 10kbps, 20kbps, 40kbps setting, please refer to the "Initial register setting" file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com