Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 96 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 96 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
96/140
●TX mode (Packet mode, packet length ≥ 257byte)
The host MCU should write TX data to a FIFO while checking FIFO-Full interrupt (INT[05] group1) and FIFO-Empty
interrupt (INT[04] group1) in order to avoid FIFO-Overrun or FIFO-Underrun. Other operation are same as packet mode (less
than 256byte).
Enabling FAST_TX mode by setting AUTO_TX ([PACKET_MODE_SET:B0 0x45(2)] =0b1 and FAST_TX_TRG[7:0]
([FAST_TX_SET:B0 0x6A(7-0)], TX will start when data amount written to a FIFO exceeds the setting value of
FAST_TX_TRG[7:0].
START
FAST_TX setting
When sending ACK request packet, please set
AUTO_RX_EN =0b1.
AUTO_TX ([PACKET_MODE_SET:B0 0x45(2)])=0b1
FAST_TX trigger: [FAST_TX_SET:B0 0x6A]
([AUTO_ACK_SET:B0 0x55(6)])
TX FIFO trigger level LH: [TX_ALARM_LH: B0 0x35]
TX FIFO trigger level HL: [TX_ALARM_HL:B0 0x36]
If data amount written to a FIFO exceeds
the FAST_TX_TRG[7:0], TX will start.
Write TX data to FIFO
[WR_TX_FIFO:B0 0x7E]
END
No
Clear interrupts
INT[16],[22] or INT[17].[23]
[INT_SOURCE_GRP3:B0 0x26]
Yes
Yes
No
Yes
No
FIFO-Empty (INT[04])?
[INT_SOURCE_GRP1:B0 0x24]
*Total data amount should be the size
subtracting CRC length from the
Length value.
Write TX data to FIFO
[WR_TX_FIFO:B0 0x7E]
If too much TX data written to a
FIFO, aftert TX completion interrupt,
issue TRX_OFF and then issue PHY
reset.
Clear INT[04]
[INT_SOURCE_GRP1:B0 0x24]
TX data request accept completion int?
(INT[22] or INT[23])
[INT_SOURCE_GRP3:B0 0x26]
Yes
TX completion(INT[16]/[17])?
[[INT_SOURCE_GRP3:B0 0x 26]
Go to RX flowchart
Yes
No
AUTO_RX_EN =0b1?
[AUTO_ACK_SET:B0 0x55(6)]
and
Send ACK request packet?
Write TX data to FIFO
[WR_TX_FIFO:B0 0x7E]
No
Next packet TX?
Set AUTO_TX=0b0
[PAKET_MODE_SET: B0 0x45(2)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com