Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 37 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 37 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
37/140
ED value calculation
Input level and ED value are descrived in the following formula. During CCA operation, ED value is bigger than normal
case, since the BPF setting is modified. Therefore, CCA compensation value should be attached to the normal case.
Input level is defined at antenna connector in the ciruit described in the “Application Circuit Example”. And antenna SW
loss is assumed 0.5dB.
[≤200kbps]
ED value = 255/70 * (107 + input level [dBm] - variation - other loss) + CCA cpmpensation
[400kbps]
ED value = 255/62 * (99 + input level [dBm] - variation - other loss)
Parameter
Value
Variations (individual, temp.)
6dB
Other loss
Antenna, matching circuit loss
CCA compensation
12@100kbps, 16@200kbps, 0@other rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com