Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 47 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 47 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
47/140
IDLE detection mode
IDLE detection mode continues CCA until IDLE detection. IDLE detection CCA will be executed when RX_ON is issued
while CCA_EN ([CCA_CNTRL:B0 0x15(4)])=0b1, CCA_IDLE_EN ([CCA_CNTRL:B0 0x15(3)])=0b1 and
CCA_LOOP_START ([CCA_CNTRL:B0 0x15(5)])=0b0 are set.
When AUTO_ACK function is enabled by AUTO_ACK_EN ([AUTO_ACK_SET:B0 0x55(4)])=0b1, if CCA_AUTO_EN
([CCA_CTRL:B0 0x15(7)]) =0b1, CCA IDLE detection mode is performed before transsmitting ACK packet.
And when Address filtering function is enable by setting 0b1 to any bit0 to bit4 of [ADDFIL_CNTRL:B2 0x60] register, if
ADDFIL_IDLE_DET ([PACKET_MODE_SET:B0 0x45(0)])=0b1, CCA IDLE detection mode is performed after address
mismatch detection.
Like normal mode, CCA is determined by average ED value in [ED_RSLT:B0 0x16] register and threshold value defined
by [CCA_LEVEL:B0 0x13] register. If average ED value exceeds CCA threshold, it is determined as “BUSY”, set
CCA_RSLT[1:0] ([CCA_CNTRL:B0 0x15(1-0)]) =0b01. If ED value is smaller than CCA threshold, and maintains IDLE
detection period which is defined by IDLE_WAIT[9:0] of the [IDLE_WAIT_L:B0 0x17], [IDLE_WAIT_H:B0 0x18]
resisters, it is determined as “IDLE”. And CCA_RSLT[1:0] = 0b00 is set. For details operation of IDLE_WAIT[9:0], please
refer to “IDLE detection for long period”.
In IDLE detection mode, only when IDLE is detected, CCA_DONE ([CCA_CNTRL:B0 0x15(2)]) wil be set to 0b1 and
CCA completion interrupt (INT[08] group2) is generated. If CCA operation is performed by CCA_EN=0b1, after IDLE
detection, CCA_EN and CCA_IDLE_EN are reset to 0b0.
Upon clearing CCA completion interrupt, CCA_RSLT[1:0] are reset to 0b00. CCA_RSLT[1:0] should be read before
clearing CCA completion interrupt.
If an ED value exceeds the value defined by [CCA_IGNORE_LEVEL:B0 0x12] register, and as long as a given ED value is
included in the averaging target of ED value calculation, IDLE judgment is not performed. In this case, if average ED value is
smaller than CCA threshold value, IDLE judgment is not determined. And CCA_RSLT[1:0] indicates 0b11. CCA operation
continues until given ED value is out of averaging target and “IDLE” is determined. For details of ED value exceeding
[CCA_IGNORE_LEVEL: B0 0x12] register, please refer to ”IDLE determination exclusion under strong signal input”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com