Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
20/140
BANK0
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank selection
0x01
RST_SET
Software reset setting
0x02
CLK_SET
Clock configuration
0x03
CLKOUT
CLKOUT frequency setting
0x04
RATE_SET1
Data rate conversion setting 1
0x05
RATE_SET2
Data rate conversion setting 2
0x06-0x07
Reserved
Reserved
0x08
#ADC_CLK_SET
RSSI ADC clock frequency setting
0x09-0x0a
Reserved
Reserved
0x0b
#OSC_ADJ
Load capacitor adjustment for oscillation circuit
0x0c
#RF_TEST_MODE
TX test pattern setting
0x0d-0x0e
Reserved
Reserved
0x0f
# PHY_STATE
PHY status indication
0x10
#FIFO_BANK
FIFO bank indication
0x11
#PLL_LOCK_DETECT
PLL lock detection configuration
0x12
CCA_IGNORE_LEVEL
ED threshold level setting for excluding CCA judgement
0x13
CCA_LEVEL
CCA threshold level setting
0x14
CCA_ABORT
Timing setting for forced termincation of CCA operation
0x15
CCA_CNTRL
CCA control setting and result indication
0x16
ED_RSLT
ED (Energy Detection) value indication
0x17
IDLE_WAIT_L
IDLE detection period setting during CCA (low 8bits)
0x18
IDLE_WAIT_H
IDLE detection period setting during CCA (high 2bits)
0x19
CCA_PROG_L
IDLE judgement elapsed time indication during CCA (low byte)
0x1a
CCA_PROG_H
IDLE judgement elapsed time indication during CCA (high 2bits)
0x1b
ED_CNTRL
ED detection control setting
0x1c
GAIN_MtoL
Threshold level setting for switching middle gain to low gain
0x1d
GAIN_LtoM
Threshold level setting for switching low gain to middle gain
0x1e
GAIN_HtoM
Gain update setting and threshold level setting for switching high gain to middle gain
0x1f
GAIN_MtoH
Threshold level setting for switching middle gain to high gain
0x20
RSSI_ADJ_M
RSSI offset value setting during middle gain operation
0x21
RSSI_ADJ_L
RSSI offset value setting during low gain operation
0x22
RSSI_STABLE_TIME
Time parameter for RSSI value become stable after gain switch
0x23
RSSI_VAL_ADJ
RSSI scale factor setting for ED value conversion.
0x24
INT_SOURCE_GRP1
FIFO clear setting and interrupt status for INT00 to INT05
0x25
INT_SOURCE_GRP2
Interrupt status for INT08 to INT15
0x26
INT_SOURCE_GRP3
Interrupt status for INT16 to INT23
0x27
INT_SOURCE_GRP4
Interrupt status for INT24 and INT25
0x28
PD_DATA_REQ
Data transmission request status indication
0x29
PD_DATA_IND
Data reception status indication
0x2a
INT_EN_GRP1
Interrupt mask for INT00 to INT05
0x2b
INT_EN_GRP2
Interrupt mask for INT08 to INT15
0x2c
INT_EN_GRP3
Interrupt mask for INT16 to INT23
0x2d
INT_EN_GRP4
Interrupt mask for INT24 and INT25
0x2e
CH_EN_L
RF channel enable setting for low 8ch
0x2f
CH_EN_H
RF channel enable setting for high 8ch
0x30
IF_FREQ_AFC_H
IF frequency setting during AFC operation (high byte)
0x31
IF_FREQ_AFC_L
IF frequency setting during AFC operation (low byte)
0x32
BPF_AFC_ADJ_H
Bandpass filter capacitance adjustment during AFC operation (high 2bits)
0x33
BPF_AFC_ADJ_L
Bandpass filter capacitance adjustment during AFC operation (low byte)
0x34
AFC_CNTRL
AFC control setting
0x35
TX_ALARM_LH
TX FIFO full level setting
0x36
TX_ALARM_HL
TX FIFO empty level setting
0x37
RX_ALARM_LH
RX FIFO full level setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com