Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 77 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 77 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
77/140
Programming Gaussian Filter
Gaussian filter can be set by [GFIL00/FSK_FDV1:B0 0x59] to [GFIL11:B0 0x64] registers. BT value of Gaussian filter
and setting value to related registers are shown in the below tables. All setting values are described as hexadecimal value.
Remarks: Setting values for BT=0.5 at 100kbps are set as initial values in registers related to Gaussian filter, since initial
values of [DATA_SET:B0 0x47] register is GFSK enable and 100kbps setting.
Gaussian filter register setting (for 10kbps/20kbps/40kbps/50kbps/100kbps/150kbps/200kbps)
(HEX)
Register
Address:
bit
BT=1.0
BT=0.5
BT=0.4
BT=0.3
BT=0.25
[1:0]
0
0
0
0
1
[3:2]
0
0
0
0
1
[5:4]
0
0
0
1
1
GFIL00
0x59
[7:6]
0
0
0
1
2
[3:0]
0
0
0
1
3
GFIL01
0x5a
[7:4]
0
0
1
2
4
[3:0]
0
0
1
3
5
GFIL02
0x5b
[7:4]
0
1
2
5
6
GFIL03
0x5c
[7:0]
00
01
03
06
07
GFIL04
0x5d
[7:0]
00
03
05
08
09
GFIL05
0x5e
[7:0]
00
05
08
0A
0A
GFIL06
0x5f
[7:0]
00
09
0C
0C
0C
GFIL07
0x60
[7:0]
03
0F
0F
0E
0D
GFIL08
0x61
[7:0]
0B
15
13
10
0E
GFIL09
0x62
[7:0]
1D
1A
17
13
0F
GFIL10
0x63
[7:0]
35
1F
1A
14
10
GFIL11
0x64
[7:0]
40
20
1A
14
12
Gaussian filter register setting (for Optional 400kbps)
(HEX)
Register
Address:
bit
BT=1.0
BT=0.5
BT=0.4
BT=0.3
BT=0.25
[1:0]
0
0
0
0
0
[3:2]
0
0
0
0
0
[5:4]
0
0
0
0
0
GFIL00
0x59
[7:6]
0
0
0
0
0
[3:0]
0
0
0
0
0
GFIL01
0x5A
[7:4]
0
0
0
0
0
[3:0]
0
0
0
0
0
GFIL02
0x5B
[7:4]
0
0
0
0
1
GFIL03
0x5C
[7:0]
00
00
00
00
01
GFIL04
0x5D
[7:0]
00
00
00
01
03
GFIL05
0x5E
[7:0]
00
00
01
03
05
GFIL06
0x5F
[7:0]
00
00
02
07
09
GFIL07
0x60
[7:0]
00
03
07
0C
0F
GFIL08
0x61
[7:0]
00
0B
10
14
15
GFIL09
0x62
[7:0]
05
1D
1F
1D
1A
GFIL10
0x63
[7:0]
3C
35
2D
24
1F
GFIL11
0x64
[7:0]
7E
40
34
28
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com