Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 73 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 73 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
73/140
Programming Channel#0 Frequency
Channel #0 frequency can be set by [CH0_FL:B0 0x48], [CH0_FM:B0 0x49], [CH_FH:B0 0x4A] and [CH_NA:B0
0x4B] registers.
Each setting parameters for channel #0 can be calculated using the following formula.
N = f / fREF / P (Integer part)
A = f / fREF - N * P (Integer part)
F = {f / fREF - (N * P + A)} * 2
20 (Integer part)
[note: useing 20bit circuit]
Here
f
: Channel #0 fequency
fREF
: PLL reference frequency (input clock=36MHz)
P
: Dual modulus parameter (fixed to 4)
N
: N-counter parameter
A
: A-counter parameter
F
: F-counter parameter
And frequency error can be calculated using the following formula.
ferr = f - [fREF * {(N * P + A) + F/2
20}]
[Example] When set channel #0 frequecy to 923.1MHz, the calculations are as follows. (fREF = 36MHz)
N = 923.1MHz / 36MHz / 4 (Integer part) = 6
A = 923.1MHz / 36MMHz- 6 * 4 (Integer part) = 1
F = {923. 1MHz / 36MHz - (6 *4 + 1)} *220 (Integer part) = 672836 (0xA4444)
Therefore
[CH0_FL:B0 0x48] = 0x44
[CH0_FM:B0 0x49] = 0x44
[CH0_FH:B0 0x4A] = 0x0A
[CH0_NA:B0 0x4B] = 0x61
Feuqency error will be ferr = 923. 1MHz - [36MHz * {(6 * 4 + 1) + 672836 / 220}] = +31.7Hz
Programming Channel pace
Channel space can be set by [CH_SPACE_L:B0 0x4C] and [CH_SPACE_H:B0 0x4D] registers.
Channel space is frequency space between centre frequency of given channel and that of adjacent channel.
Channel space setting value can be calculated using the following formula.
CH_SP_F = {fSP / fREF} * 2
20 (Integr part)
[note: using 20bit circuit]
Here
CH_SP_F
: Channel space setting
fSP
: Channel space [MHz]
fREF
: PLL reference frequency (input clock=36MHz)
[Example] When set channel space is 400kHz, the calculation are as follow. (fREF = 36MHz)
CH_SP_F = {0.4MHz / 36MHz} * 220 (Integer part) = 11650 (0x2D82)
Therefore
[CH_SPACE_L:B0 0x4C] = 0x82
[CH_SPACE_H:B0 0x4D] = 0x2D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com