Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 84 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 84 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
84/140
VCO calibration is necessary every 0.9ms to 4.2ms.
After completion, capacitance compensation values are stored in the following registers.
Capacitance compensation value at lower limit frequency: [VCO_CAL_MIN:B1 0x1A]
Capacitance compensation value at upper limit frequency: [VCO_CAL_MAX:B1 0x1B]
In actual operation, based on the 2 compensation values, the most optimized capacitance value for the frequency is calculated
and applied. The calculated value is stored in [VCO_CAL:B1 0x1C] register.
By evaluation stage, if below values are stored in the MCU memory and uses these values upon reset or power-up, calibration
operation can be omitted.
Registers to be saved in the MCU memory.
[VCO_CAL_MIN_FL:B1 0x16]
[VCO_CAL_MIN_FM:B1 0x17]
[VCO_CAL_MIN_FH:B1 0x18]
[VCO_CAL_MAX_N:B1 0x19]
[VCO_CAL_MIN:B1 0x1A]
[VCO_CAL_MAX: B1 0x1B]
NOTE:
1.
For lower limit frequency, please use frequency at least 2MHz lower than operation frequency
2.
For upper limit frequency should be selected so that operation frequency is in the frequency range.
3.
Frequency range should not include 36MHz multiplied frequency, i.e. 900MHz, 936MHz.
4.
In case of like a channel change, if the setting frequency is outside of calibration frequency range, calibration process
has to be performed again with proper frequency.
●VCO lower limit frequency setting
As described in the “Programing Channel #0 Frequency”, VCO lower limit frequency can be set by setting F-counter
parameter into [VCO_CAL_MIN_FL:B1 0x16], [VCO_CAL_MIN_FM:B1 0x17] and [VCO_CAL_MIN_FH:B1 0x18]
registers. N-counter and A-counter parametrs are applied the valu stored in [CH0_NA:B0 0x4B] register.
Lower limit frequency setting value can be calculated using the following formula.
LOW_F = {FLOW – (4 * N + A) * fREF} / fREF * 2
20 (Integer part)
[note: using 20bit circuit]
Here
LOW_F
: Lower limit frequency F-counter setting
FLOW
: Lower limit frequency [MHz]
fREF
: PLL reference frequency (input clock=36MHz)
N
: N-counter parameter
A
: A-counter parameter
If operation low limit frequency is 923.1MHz, N= 6 and A=1. Setting value should be lower than 2MHz. Then in following
example, lower limit frequency is set to 921.1MHz. (fREF = 36MHz)
LOW_F = {921.1 – (4 * 6 + 1) * 36MHz} /36MHz * 220 (Integer part) = 614582 (0x960B6)
Setting values for each register is as follows:
[VCO_CAL_MIN_FL:B1 0x16]= 0xB6
[VCO_CAL_MIN_FM:B1 0x17]= 0x60
[VCO_CAL_MIN_FL:B1 0x18]= 0x09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com