Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 83 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 83 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
83/140
●VCO adjustment
In order to compensate VCO operation margin, optimized capacitance compensation value should be set in each operation
frequency. This capacitance compensation value can be acquired by VCO calibration.
By performing VCO calibration when power-up or reset, acquired capacitance compensation values for upper limit and lower
limit of operation frequency range (for both TX/RX), based on this value optimised capacitance value is applied during TX/RX
operation. Lower limit frequency can be set by [VCO_CAL_MIN_FL:B1 0x16] to [VCO_CAL_MIN_FH:B1 0x18] registers.
Upper frequency is definced by [VCO_CAL_MAX_N:B1 0x19] register as frequency range.
[VCO adjustment flow]
The following flow is the procedure for acquiring capacitance compensation value when power-up or reset.
START
Setting lower limit frequency
Initialize
setting
[VCO_CAL_MIN_FL:B1 0x16]
[VCO_CAL_MIN_FM:B1 0x17]
[VCO_CAL_MIN_FH:B1 0x18]
Setting operation frequency range
[VCO_CAL_MAX_N:B1 0x19]
Set VCO_CAL_START = 0b1
Start
calibration
[VCO_CAL_START:B1 0x1D(0)]
Note: VCO calibration should be performed only during IDLE state.
END
Calibration operation
No
VCO calibration completion?
INT[02]
Completion wait
[INT_SOURCE_GRP1:B0 0x24]
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com