Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 86 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 86 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
86/140
●Energy Detection value (ED value) adjustment
[ED value adjustment]
ED value is calculated by RSSI signal (analog signal) from RF part,. By performing the following adjustment, it is possible
to correct the variation in LSIs.
The gain adjustment and related registers are described below.
In order to cover wider input range, gain should be changed at given point. Threshold for gain change points are set by
[GAIN_MtoL:B1 0x1C] to [GAIN_MtoH:B0 0x1F]. [RSSI_ADJ_M:B1 0x20] and [RSSI_ADJ_L:B1 0x21] registers are
used to addition values to maintain linearity when changing gain. RSSI slope can be set to [RSSI_VAL_ADJ:B1 0x23] register
so that ED value can be between 0x00(min) and 0xFF(max). For thse register setting, please use the value specified in the
“Initial register setting” file.
Adjusting the input level variation for the same input level can be set to [RSSI_ADJ:B1 0x02] register. It must compensate the
slope before compensation defined by [RSSI_VAL_ADJ:B1 0x23] register. However, if positive value is set , ED value
cannot be decreased down to 0x00 at low input signal level. If negative value is set, ED value cannot be increased up to 0xFF.
ED value
Operation in the High gain range:
RSSI value>GAIN_HtoM, and move to Middle gain.
Operation in the Middle gain range:
RSSI value>GAIN_MtoL, and move to Low gain.
GAIN_MtoH
≥RSSI value, and move to High gain.
Operation in the Low gain range:
GAIN_LtoM
≥RSSIvalue, and move to Middle gain.
Low gain
Operation range
[RSSI_VAL_ADJ:B1 0x23]
[RSSI_ADJ_L:B0 0x21]
RF input level
[RSSI_ADJ_M:B0 0x20]
[GAIN_HtoM:B0 0x1E]
high
low
RSSI value (ADC output)
Middle gain
Operation range
[GAIN_MtoL:B0 0x1C]
High gain
Operation range
[GAIN_LtoTOM:B0 0x1D]
[GAIN_MtoH:B0 0x1F]
[RSSI ADJ:B1 0x02]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com