Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 102 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 102 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
102/140
●ACK TX mode (AUTO_ACK, packet length ≥ 257 bytes)
START
Set AUTO_ACK_EN=0b1
[AUTO_ACK_SET:B0 0x55(4)]
RX FIFO trigger level setting
[RX_ALARM_LH:B0 0x37] =0x00
[RX_ALARM_HL:B0 0x38] =0x00
Yes
CRC error (INT[20]/INT[21])?
[INT_SOURCE_GRP3:B0 0x26]
RX_ON issue
[RF_STATUS:B0 0x6C]
No
Clear INT[20] or [21]
Read pending data
[INT_SOURCE_GRP3:B0 0x26]
No
Yes
FIFO-Full (INT[05])?
[INT_SOURCE_GRP1:B0 0x24]
PHY reset issue
[RST_SET:B0 0x01]
From RX flowchart (≥257 byte)
Read RX data from FIFO
[RD_RX_FIFO:B0 0x7F]
PHY reset issue
[RST_SET:B0 0x01]
Set ACK_STOP=0b1
[AUTO_ACK_SET:B0 0x55(0)]
Set ACK_STOP=0b0
[AUTO_ACK_SET:B0 0x55(0)]
END
(*1)
Set ACK_STOP=0b1
[AUTO_ACK_SET:B0 0x55(0)]
(*1)
Set ACK_STOP=0b0
No
Address match?
[AUTO_ACK_SET:B0 0x55(0)]
Yes
END
Ack frame setting
No
Auto Ack ready (INT[24])?
[INT_SOURCE_GRP4:B0 0x27]
[ACK_FRAME1:B0 0x53]
[ACK_FRAME2:B0 0x54]
Yes
When using Ack timer, no need
to set ACK_SEND bit.
Set ACK_SEND=0b1
[AUTO_ACK_SET:B0 0x55(1)]
No
TX completion?
(INT[16]/[17])
[INT_SOURCE_GRP3:B0 0x26]
RX completion?
No
(INT[18]/[19])
Yes
[INT_SOURCE_GRP3:B0 0x26]
Clear interrupts
Yes
INT[16],[22] or INT[17].[23]
[INT_SOURCE_GRP3:B0 0x26]
Set ACK_STOP=0b1
[AUTO_ACK_SET:B0 0x55(0)]
(*1)
(*1)
Only when data rate is 50kbps and SCLK speed is
16MHz (max), please set 12μs wait between
ACK_STOP=0b1 to ACK_STOP=0b0.
Set ACK_STOP=0b0
[AUTO_ACK_SET:B0 0x55(0)]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com