Electronic Components Datasheet Search
  English  ▼

X  

ML7396AE Datasheet(PDF) 136 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 136 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
136/140
■Application Circuit Example
Here is a circuit example for 915MHz/920MHz, 13dBm, and up to 200kbps.
10μF decoupling capacitor should be placed to common 3.3V power pins .
MURATA LQW15series inductors are recommended.
For more details about designing information, please refer to the “ML7396 Family LSIs Hardware Design Manual”.
915MHz
920MHz
L1
4.3nH
3.9nH
C1
3.9pF
4.3pF
LPF1
DEA160915LT-5038A
0Ω
(TDK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com