Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 18Page - Microchip Technology MCP8025 Datasheet HTML 19Page - Microchip Technology MCP8025 Datasheet HTML 20Page - Microchip Technology MCP8025 Datasheet HTML 21Page - Microchip Technology MCP8025 Datasheet HTML 22Page - Microchip Technology MCP8025 Datasheet HTML 23Page - Microchip Technology MCP8025 Datasheet HTML 24Page - Microchip Technology MCP8025 Datasheet HTML 25Page - Microchip Technology MCP8025 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
MCP8025/6
DS20005339B-page 22
 2016 Microchip Technology Inc.
3.1
Low-Side PWM Inputs
(PWM1L, PWM2L, PWM3L)
Digital PWM inputs for low-side driver control. Each
input has a 47 k
 pull down to ground. The PWM
signals may contain dead-time timing or the system
may use configuration register 2 (CFG2) to set the
dead time.
3.2
High-Side PWM Inputs
(PWM1H, PWM2H, PWM3H)
Digital PWM inputs for high-side driver control. Each
input has a 47 k
 pull down to ground. The PWM
signals may contain dead-time timing or the system
may use the configuration register 2 (CFG2) to set the
dead time.
3.3
No Connect (NC)
Reserved. Do not connect.
3.4
Chip Enable Input (CE)
Chip Enable input is used to enable/disable the output
driver and on-board functions. When CE is high, all
device functions are enabled. When CE is low, the
device operates in Standby or Sleep mode. When
Standby mode is active, the current amplifiers and the
12V LDO are disabled. The buck regulator, the DE2
pin, the voltage and temperature sensor functions are
not affected. The 5V LDO is disabled on the MCP8026.
The H-bridge driver outputs are all set to a low state
within 100 ns of CE = 0. The device transitions to
Standby or Sleep mode 1 ms after CE = 0.
The CE pin may be used to clear any hardware faults.
When a fault occurs, the CE input may be used to clear
the fault by setting the pin low and then high again. The
fault is cleared by the rising edge of the CE signal if the
hardware fault is no longer active.
The CE pin is used to enable Sleep mode when the
SLEEP bit in the CFG0 configuration register is set
to ‘1’. CE must be low for a minimum of 1 ms before the
transition to Standby or Sleep mode occurs. This allows
time for CE to be toggled to clear any faults without
going into Sleep mode.
The CE pin is used to awaken the device from the
Sleep mode state. To awaken the device from a Sleep
mode state, the CE pin must be set low for a minimum
of 250 μs. The device will then wake up with the next
rising edge of the CE pin.
The CE pin has an internal 47 k
 pull down.
3.5
Level Translators (HV_IN1,
HV_IN2, LV_OUT1, LV_OUT2)
Unidirectional digital level translators. These pins
translate digital input signal on the HV_INx pin to a
low-level digital output signal on the LV_OUTx pin. The
HV_INx pins have internal 30 k
 pull ups to VDD that
are controlled by bit PU30K in the CFG0 configuration
register. The PU30K bit is only sampled during CE = 0.
The HV_IN1 pin has higher ESD protection than the
HV_IN2 pin. The higher ESD protection makes the
HV_IN1 pin better suited for connection to external
switches.
LV_OUT1 and LV_OUT2 are open-drain outputs. An
external pull-up resistor to the low-voltage logic supply
is required.
The HV_IN1 pin may be used to awaken the device
from the Sleep mode state. The MCP8026 will awaken
on the rising edge of the pin after detecting a low state
lasting > 250 µs on the pin.
3.6
LIN Transceiver Bus (LIN_BUS)
The bidirectional LIN_BUS interface pin connects to
the LIN Bus network. The LIN_BUS driver is controlled
by the TX pin. The driver is an open-drain output. The
MCP8025 device contains a LIN Bus 30 k
 pull-up
resistor that may be enabled or disabled by setting the
PU30K bit in the CFG0 configuration register. The pull
up may only be changed while in Standby mode.
During normal operation, the 30 k
 pull up is always
enabled. In Sleep mode, the 30 k
 pull up is always
disabled.
The LIN bus may be used to awaken the device from
the Sleep mode state. When a LIN wake-up event is
detected on the LIN_BUS pin, the device will wake up.
The MCP8025 will awaken on the rising edge of the
bus after detecting a dominant state lasting > 150 µs
on the bus. The LIN Bus master must provide the
dominant state for > 250 µs to meet the LIN 2.2A
specifications.
3.7
Power Ground (PGND),
Exposed Pad (EP)
Device ground. The PCB ground traces should be short
and wide and should form a STAR pattern to the power
source. The Exposed Pad (EP) must be soldered to the
PCB. The PCB area below the EP should be a copper
pour with thermal vias to help transfer heat away from
the device.
3.8
LIN Transceiver Received Data
Output (RX)
The RX output pin follows the state of the LIN_BUS pin.
The data received from the LIN bus is output on the RX
pin for connection to a host MCU.
The RX pin is an open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com