Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 26Page - Microchip Technology MCP8025 Datasheet HTML 27Page - Microchip Technology MCP8025 Datasheet HTML 28Page - Microchip Technology MCP8025 Datasheet HTML 29Page - Microchip Technology MCP8025 Datasheet HTML 30Page - Microchip Technology MCP8025 Datasheet HTML 31Page - Microchip Technology MCP8025 Datasheet HTML 32Page - Microchip Technology MCP8025 Datasheet HTML 33Page - Microchip Technology MCP8025 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
MCP8025/6
DS20005339B-page 30
 2016 Microchip Technology Inc.
4.3
Motor Control Unit
The motor control unit is comprised of the following:
• External drive for a 3-phase bridge with
NMOS/NMOS MOSFET pairs
• Back EMF sampler with phase multiplexer and
neutral simulator (MCP8025)
• Motor current sense amplifier and comparator
• Two additional current sense amplifiers
(MCP8026)
4.3.1
MOTOR CURRENT SENSE
CIRCUITRY
The internal motor current sense circuitry consists of an
operational amplifier and a comparator. The amplifier
output is presented to the inverting comparator input
and as an output to the microcontroller. The
non-inverting comparator input is connected to an
internally programmable 8-bit DAC. A selectable motor
current limit threshold may be set with a SET_ILIMIT
message from the host to the MCP8025/6 via the DE2
communication link. The DACREF<7:0> bits in the
CFG1 register contain the DAC current reference
value. The dual-purpose ILIMIT_OUT pin handles the
current limit output as well as system fault outputs. The
8-bit DAC is powered by the 5V supply. The DAC
output voltage ranges from 0.991V to 4.503V. The DAC
has a bit value of (4.503V – 0.991V)/(28 – 1) = 13.77 mV/bit.
A DAC input of 00H yields a DAC output voltage of
0.991V. The default power-up DAC value is 40H
(1.872V). The DAC uses a 100 kHz filter. Input code
to output voltage delay is approximately five time
constants
 50 µs. The desired current sense gain is
established with an external resistor network.
The comparator output may be employed as a current
limit. Alternatively, the current sense output can be
employed in a chop-chop PWM speed loop for any
situations where the motor is being accelerated, either
positively or negatively. An analog chop-chop speed
loop can be implemented by hysteretic control or fixed
off-time of the motor current. This makes for a very
robust controller, as the motor current is always in
instantaneous control.
A sense resistor in series with the bridge ground return
provides a current signal for both feedback and current
limiting. This resistor should be non-inductive to
minimize ringing from high di/dt. Any inductance in the
power circuit represents potential problems in the form
of additional voltage stress and ringing, as well as
increasing switching times. While impractical to
eliminate, careful layout and bypassing will minimize
these effects. The output stage should be as compact
as heat sinking will allow, with wide, short traces
carrying all pulsed currents. Each half-bridge should be
separately bypassed with a low ESR/ESL capacitor,
decoupling it from the rest of the circuit. Some layouts
will allow the input filter capacitor to be split into three
smaller values and serve double duty as the half-bridge
bypass capacitors.
The current sense resistor is chosen to establish the
peak current limit threshold, which is typically set 20%
higher than the maximum current command level to
provide overcurrent protection during abnormal
conditions. Under normal circumstances with a
properly compensated current loop, peak current limit
will not be exercised.
The current sense operational amplifier is disabled
when CE = 0.
4.3.2
BACK EMF SAMPLER WITH PHASE
MULTIPLEXER AND NEUTRAL
SIMULATOR (MCP8025)
The commutation loop of a BLDC motor control is a
phase lock loop (PLL) that locks to the rotor’s position.
Note that this inner loop does not attempt to modify the
position of the rotor, but modifies the commutation
times to match whatever position the rotor has. An
outer speed loop changes the rotor velocity, and the
commutation loop locks to the rotor’s position to
commutate the phases at the correct times.
The Back EMF sensor consists of the motor, a
Back EMF sampler, a phase multiplexer and a neutral
simulator.
The Back EMF sampler takes the motor phase
voltages and calculates the neutral point of the motor
by using Equation 4-2.
EQUATION 4-2:
NEUTRAL POINT
Note:
The motor current limit comparator output
is internally ‘OR’d with the DRIVER
FAULT output of the driver logic block.
The microcontroller should monitor the
comparator output and take appropriate
actions.
The
motor
current
limit
comparator circuitry does not disable the
motor drivers when an overcurrent
situation occurs. Only one current limit
comparator is provided. The MCP8026
provides three current sense amplifiers
which can be used for implementation of
advanced control algorithms, such as
Field-Oriented Control (FOC).
Note:
With a chop-chop control, motor current
always flows through the sense resistor.
When the PWM is off, however, the
flyback diodes or synchronous rectifiers
conduct, causing the current to reverse
polarity through the sense resistor.
NEUTRAL
A B C
++
3
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com