Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 28Page - Microchip Technology MCP8025 Datasheet HTML 29Page - Microchip Technology MCP8025 Datasheet HTML 30Page - Microchip Technology MCP8025 Datasheet HTML 31Page - Microchip Technology MCP8025 Datasheet HTML 32Page - Microchip Technology MCP8025 Datasheet HTML 33Page - Microchip Technology MCP8025 Datasheet HTML 34Page - Microchip Technology MCP8025 Datasheet HTML 35Page - Microchip Technology MCP8025 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
MCP8025/6
DS20005339B-page 32
 2016 Microchip Technology Inc.
Ramp Mode
At the end of the Lock mode, Ramp mode is entered. In
Ramp mode, the microcontroller steps through the
commutation state machine, increasing linearly, until a
minimum speed is reached. Ramp mode is an
open-loop commutation. No knowledge of the rotor
position is used.
Run Mode
At the end of Ramp mode, Run mode is entered. In Run
mode, the Back EMF sensor is enabled and
commutation is now under the control of the phase lock
loop. Motor speed can be regulated by an outer speed
control loop.
4.3.3.3
PWM Speed Control
The inner commutation loop is a phase-lock loop,
which locks to the rotor’s position. This inner loop does
not attempt to modify the position of the rotor, but
modifies the commutation times to match whatever
position the rotor has. The outer speed loop changes
the rotor velocity and the inner commutation loop locks
to the rotor’s position to commutate the phase at the
correct times.
The outer speed loop pulse-width modulates the motor
drive inverter to produce the desired wave shape and
voltage at the motor. The inductance of the motor then
integrates this pulse-width modulation (PWM) pattern
to produce the desired average current, thus controlling
the desired torque and speed of the motor. For a
trapezoidal
BLDC
motor
drive
with
six-step
commutation, the PWM is used to generate the
average voltage to produce the desired motor current
and motor speed.
There are two basic methods to pulse-width modulate
the inverter switches. The first method returns the
reactive energy in the motor inductance to the source
by reversing the voltage on the motor winding during
the current decay period. This method is referred to as
fast decay or chop-chop. The second method
circulates the reactive current in the motor with minimal
voltage applied to the inductance. This method is
referred to as slow decay or chop-coast.
The preferred control method employs a chop-chop
PWM for any situation where the motor is being
accelerated, either positively or negatively. For
improved efficiency, chop-coast PWM is employed
during steady-state conditions. The chop-chop speed
loop is implemented by hysteretic control, fixed off-time
control or average current mode control of the motor
current. This makes for a very robust controller, as the
motor current is always in instantaneous control.
The motor speed presented to the chop-chop loop is
reduced by approximately 9%. A fixed-frequency PWM
that only modulates the high-side switches implements
the chop-coast loop. The chop-coast loop is presented
with the full motor speed, so, if it is able to control the
speed, the chop-chop loop will never be satisfied and
will remain saturated. The chop-chop remains able to
assume full control if the motor torque is exceeded,
either through a load change or a change in speed that
produces acceleration torque. The chop-coast loop will
remain saturated, with the chop-chop loop in full
control, during start-up and acceleration to full speed.
The bandwidth of the chop-coast loop is set to be
slower than the chop-chop loop so that any transients
will be handled by the chop-chop loop and the
chop-coast loop will only be active in steady-state
operation.
TABLE 4-3:
COMMUTATION STATE MACHINE
State
Outputs
BEMF
Phase
HSA
HSB
HSC
LSA
LSB
LSC
CE = 0
OFF
OFF
OFF
OFF
OFF
OFF
N/A
BOOTSTRAP
OFF
OFF
OFF
ON
ON
ON
N/A
LOCK
ON
OFF
ON
OFF
ON
OFF
N/A
1
ON
OFF
OFF
OFF
OFF
ON
Phase B
2
OFF
ON
OFF
OFF
OFF
ON
Phase A
3
OFF
ON
OFF
ON
OFF
OFF
Phase C
4
OFF
OFF
ON
ON
OFF
OFF
Phase B
5
OFF
OFF
ON
OFF
ON
OFF
Phase A
6
ON
OFF
OFF
OFF
ON
OFF
Phase C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com