Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 12Page - Microchip Technology MCP8025 Datasheet HTML 13Page - Microchip Technology MCP8025 Datasheet HTML 14Page - Microchip Technology MCP8025 Datasheet HTML 15Page - Microchip Technology MCP8025 Datasheet HTML 16Page - Microchip Technology MCP8025 Datasheet HTML 17Page - Microchip Technology MCP8025 Datasheet HTML 18Page - Microchip Technology MCP8025 Datasheet HTML 19Page - Microchip Technology MCP8025 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
MCP8025/6
DS20005339B-page 16
 2016 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges (Note 1)
Specified Temperature Range
TA
-40
+150
°C
Operating Temperature Range
TA
-40
+150
°C
TJ
-40
+160
°C
Storage Temperature Range
TA
-55
+150
°C
(Note 2)
Package Thermal Resistances
Thermal Resistance, 5 mm x 5 mm
40LD-QFN
JA
—
37
—
°C/W 4-Layer JC51-5 standard board
Natural convection
JC
—6.9
—
Thermal Resistance, 7 mm x 7 mm
48LD-TQFP with Exposed Pad
JA
—30
—
°C/W
JC
—15
—
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 160°C can impact the device reliability.
2:
1000 hour cumulative maximum for ROM data retention (typical).
ESD, SUSCEPTIBILITY, SURGE AND LATCH-UP TESTING
Parameter
Standard and Test Condition
Value
Input voltage surges
ISO 16750-2
28V for 1 minute,
45V for 0.5 seconds
ESD according to IBEE LIN EMC
– Pins LIN_BUS, VDD (HMM)
Test specification 1.0 following IEC 61000-4.2 ± 8 kV
ESD HBM with 1.5 k
/100 pF
CEI/IEC 60749-26: 2006
AEC-Q100-002-Ref E
JEDEC JS-001-2012
±2 kV
ESD HBM with 1.5 k
/100 pF
– Pins LIN_BUS, VDD, HV_IN1 against PGND
CEI/IEC 60749-26: 2006
AEC-Q100-002-Ref E
JEDEC JS-001-2012
±8 kV
ESD CDM (Charged Device Model,
field-induced method – replaces
machine-model method)
ESD-STM5.3.1-1999
± 750V all pins
Latch-Up Susceptibility
AEC Q100-004, 150°C
> 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com