Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 37Page - Microchip Technology MCP8025 Datasheet HTML 38Page - Microchip Technology MCP8025 Datasheet HTML 39Page - Microchip Technology MCP8025 Datasheet HTML 40Page - Microchip Technology MCP8025 Datasheet HTML 41Page - Microchip Technology MCP8025 Datasheet HTML 42Page - Microchip Technology MCP8025 Datasheet HTML 43Page - Microchip Technology MCP8025 Datasheet HTML 44Page - Microchip Technology MCP8025 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 41
MCP8025/6
TABLE 4-8:
DE2 COMMUNICATION MESSAGES FROM MCP8025/6 TO HOST
MESSAGE
BYTE BIT
VALUE
DESCRIPTION
SET_CFG_0
17:0 00000001 (01H) Set Configuration Register 0 ‘Not Acknowledged’ (Response)
01000001
(41H) Set Configuration Register 0 ‘Acknowledged’ (Response)
27
0
Reserved
6
—
Ignored in Sleep mode
0
Enable Disconnect of 30K LIN Bus/Level Translator Pull Up when
CE = 0 (Default)
1
Disable Disconnect of 30K LIN Bus/Level Translator Pull Up when
CE = 0
5
0
System Enters Standby Mode when CE = 0
1
System Enters Sleep Mode when CE = 0, 30K LIN Bus/Level
Translator Pull Up Disconnect always enabled
4
0
Internal Neutral Simulator Disabled (Start-Up Default)
1
Internal Neutral Simulator Enabled
3
0
Undervoltage Lockout Enabled (Default)
1
Undervoltage Lockout Disabled
2
0
External MOSFET Overcurrent Detection Enabled (Default)
1
External MOSFET Overcurrent Detection Disabled
1:0
00
0.250V External MOSFET Overcurrent Limit (Default)
01
0.500V External MOSFET Overcurrent Limit
10
0.750V External MOSFET Overcurrent Limit
11
1.000V External MOSFET Overcurrent Limit
GET_CFG_0
17:0 00000010 (02H) Get Configuration Register 0 ‘Not Acknowledged’ (Response)
01000010
(42H) Get Configuration Register 0 ‘Acknowledged’ (Response)
27
0
Reserved
6
—
Ignored in Sleep mode
0
Enable Disconnect of 30K LIN Bus/Level Translator Pull Up when
CE = 0 (Default)
1
Disable Disconnect of 30K LIN Bus/Level Translator Pull Up when
CE = 0
5
0
System Enters Standby Mode when CE = 0
1
System Enters Sleep Mode when CE = 0, 30K LIN Bus/Level
Translator Pull Up Disconnect always enabled
4
0
Internal Neutral Simulator Disabled (Start-Up Default)
1
Internal Neutral Simulator Enabled
3
0
Undervoltage Lockout Enabled
1
Undervoltage Lockout Disabled
2
0
External MOSFET Overcurrent Detection Enabled
1
External MOSFET Overcurrent Detection Disabled
1:0
00
0.250V External MOSFET Overcurrent Limit
01
0.500V External MOSFET Overcurrent Limit
10
0.750V External MOSFET Overcurrent Limit
11
1.000V External MOSFET Overcurrent Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com