Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 21Page - Microchip Technology MCP8025 Datasheet HTML 22Page - Microchip Technology MCP8025 Datasheet HTML 23Page - Microchip Technology MCP8025 Datasheet HTML 24Page - Microchip Technology MCP8025 Datasheet HTML 25Page - Microchip Technology MCP8025 Datasheet HTML 26Page - Microchip Technology MCP8025 Datasheet HTML 27Page - Microchip Technology MCP8025 Datasheet HTML 28Page - Microchip Technology MCP8025 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 25
MCP8025/6
4.0
DETAILED DESCRIPTION
4.1
State Diagrams
4.1.1
MCP8025 STATE DIAGRAM
FIGURE 4-1:
MCP8025 State Diagram.
V5
enabled
(standby)
V12
enabled
Buck
enabled
Digital
configuration
FB>1.1V
Start-up
ACTIVE
MTC_FAULT
V12>10.8V
V5>4.5V
and CE=1
Driver over current or
Driver UVLO or
Supply >20V
ACK
Sleep
CE = 0
CE timeout
CE = 0
CE = 0 and
Supply > 6.0V
BK_ACK
BK_OFF
Power-on Reset
LIN wake-up event or
CE wake-up event
Supply < 30V
Temp < 145°C
Supply > 6V
Supply < 30V
Temp < 145°C
All states
Supply > 32V
Temp>170°C
All states
Supply < 5.5V
FB<1.0V
All states
Brown-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com