Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 25Page - Microchip Technology MCP8025 Datasheet HTML 26Page - Microchip Technology MCP8025 Datasheet HTML 27Page - Microchip Technology MCP8025 Datasheet HTML 28Page - Microchip Technology MCP8025 Datasheet HTML 29Page - Microchip Technology MCP8025 Datasheet HTML 30Page - Microchip Technology MCP8025 Datasheet HTML 31Page - Microchip Technology MCP8025 Datasheet HTML 32Page - Microchip Technology MCP8025 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 29
MCP8025/6
4.2.5.3
Temperature Supervisor
An integrated temperature sensor self-protects the
device circuitry. If the temperature rises above the
overtemperature shutdown threshold, all functions are
turned off. Active operation resumes when the
temperature has cooled down below a set hysteresis
value and the fault has been cleared by toggling CE.
It is desirable to signal the microcontroller with a
warning
message
before
the
overtemperature
threshold is reached. When the Thermal Warning
Temperature set point is exceeded, a warning message
will be sent to the host microcontroller. The
microcontroller should take appropriate actions to
reduce the temperature rise. The method to signal the
microcontroller is through the DE2 pin.
4.2.5.4
Internal Function Block Status
Table 4-1 shows the effects of the CE pin, the faults and
the SLEEP bit upon the functional status of the internal
blocks of the MCP8025/6.
TABLE 4-1:
INTERNAL FUNCTION BLOCK STATUS
System State
Fault
Conditions
Sleep
CE = 0, SLEEP = 1
—— W ———
—
Standby
(MCP8025)
CE = 0
SLEEP = 0
AA
R
— —
A
A
Standby
(MCP8026)
CE = 0
SLEEP = 0
—A
A
— —
A
A
Operating
CE = 1, ILIMIT_OUT = 1
AAAA
AA
A
Faults
CE = 1
ILIMIT_OUT = 0
Driver OTP
TJ > 160°C
—————
A
A
VDD UVLO
VIN  5.5V
—
A
———
A
A
Buck Input UVLO
VIN  4V
—————
A
A
Buck Output Brownout
VBUCK < 80% (Brownout)
—
A
— — —
A
A
5V LDO UVLO
VOUT5  4V
A
A
R
A
—
A
A
Driver OVLO (MCP8025)
VIN  20V
AAAA
—
A
A
System OVLO
VIN  32V
—————
A
A
MOSFET UVLO
VHS[A:C] <8V, VLS[A:C] < 8V
AAAA
—
A
A
MOSFET OCP
VDrain-Source > EXTOC<1:0> setting AAAA — A
A
Warnings
CE = 1
ILIMIT_OUT = 1
Buck OCP
IBUCK Input > 2.5A Peak
AAAA
AA
A
Buck Output
Undervoltage
VBUCK < 90%
AAAA
AA
A
Driver Temperature
TJ >72% TSD_MIN
(115°C for 160°C Driver OTP)
AAAA
AA
A
Config Lost (BORW)
Set at initial power-up
or when VDD <UVLOBK_STOP
AAAA
AA
A
Legend:
“A” = ACTIVE (ON), “—” = INACTIVE (OFF), “W” = WAKEUP (from Sleep), “R” = RECEIVER ONLY
OCP = Overcurrent Protection
OTP = Overtemperature Protection
UVLO = Undervoltage Lockout
OVLO = Overvoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com