Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 36Page - Microchip Technology MCP8025 Datasheet HTML 37Page - Microchip Technology MCP8025 Datasheet HTML 38Page - Microchip Technology MCP8025 Datasheet HTML 39Page - Microchip Technology MCP8025 Datasheet HTML 40Page - Microchip Technology MCP8025 Datasheet HTML 41Page - Microchip Technology MCP8025 Datasheet HTML 42Page - Microchip Technology MCP8025 Datasheet HTML 43Page - Microchip Technology MCP8025 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
MCP8025/6
DS20005339B-page 40
 2016 Microchip Technology Inc.
TABLE 4-7:
DE2 COMMUNICATION COMMANDS TO MCP8025/6 FROM HOST
Command
Byte
Bit
Value
Description
SET_CFG_0
1
10000001b
(81H) Set Configuration Register 0
27
0
Reserved
6
—
(Always ‘0’ in Sleep mode)
0
Enable Disconnect of 30 k
 LIN Bus/Level Translator Pull Up when
CE = 0 (Default)
1
Disable Disconnect of 30 k
 LIN Bus/Level Translator Pull Up when
CE = 0
5
0
System Enters Standby Mode when CE = 0
1
System Enters Sleep Mode when CE = 0, 30 k
 LIN Bus/Level
Translator Pull Up Disconnect always enabled
4
0
Disable Internal Neutral Simulator (Start-Up Default)
1
Enable Internal Neutral Simulator
3
0
Enable MOSFET Undervoltage Lockout (Start-Up Default)
1
Disable MOSFET Undervoltage Lockout
2
0
Enable External MOSFET Short-Circuit Detection (Start-Up Default)
1
Disable External MOSFET Short-Circuit Detection
1:0
00
Set External MOSFET Overcurrent Limit to 0.250V (Start-Up Default)
01
Set External MOSFET Overcurrent Limit to 0.500V
10
Set External MOSFET Overcurrent Limit to 0.750V
11
Set External MOSFET Overcurrent Limit to 1.000V
GET_CFG_0
1
10000010
(82H)
Get Configuration Register 0
SET_CFG_1
1
10000011
(83H)
Set Configuration Register 1
DAC Motor Current Limit Reference Voltage
2
7:0
00H – FFH
Select DAC Current Reference value
(4.503V – 0.991V)/255 = 13.77 mV/bit
00H = 0.991V
40H = 1.872V (40H x 0.1377 mV/bit + 0.991V) (Start-Up Default)
FFH = 4.503V (FFH x 0.1377 mV/bit + 0.991V)
GET_CFG_1
1
10000100
(84H)
Get Configuration Register 1
Get DAC Motor Current Limit Reference Voltage
STATUS_0
1
10000101
(85H)
Get Status Register 0
STATUS_1
1
10000110
(86H)
Get Status Register 1
SET_CFG_2
1
10000111
(87H)
Set Configuration register 2
27:5
00H
Reserved
4:2
—
Driver Dead Time (for PWMH/PWML inputs)
000
2000 ns (Default)
001
1750 ns
010
1500 ns
011
1250 ns
100
1000 ns
101
750 ns
110
500 ns
111
250 ns
1:0
—
Driver Blanking Time (Ignore Switching Current Spikes)
00
4 µs (Default)
01
2µs
10
1µs
11
500 ns
GET_CFG_2
1
10001000
(88H)
Get Configuration Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com