Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 14Page - Microchip Technology MCP8025 Datasheet HTML 15Page - Microchip Technology MCP8025 Datasheet HTML 16Page - Microchip Technology MCP8025 Datasheet HTML 17Page - Microchip Technology MCP8025 Datasheet HTML 18Page - Microchip Technology MCP8025 Datasheet HTML 19Page - Microchip Technology MCP8025 Datasheet HTML 20Page - Microchip Technology MCP8025 Datasheet HTML 21Page - Microchip Technology MCP8025 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
MCP8025/6
DS20005339B-page 18
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in junction temperature over the ambient temperature is not significant.
FIGURE 2-7:
5V LDO Dynamic Linestep –
Falling VDD.
FIGURE 2-8:
12V LDO Dynamic Linestep
– Rising VDD.
FIGURE 2-9:
12V LDO Dynamic Linestep
– Falling VDD.
FIGURE 2-10:
5V LDO Dynamic Loadstep.
FIGURE 2-11:
12V LDO Dynamic
Loadstep.
FIGURE 2-12:
12V LDO Output Voltage vs.
Rising Input Voltage.
-40
-20
0
20
40
60
80
100
120
140
0
3
6
9
12
15
18
0
20406080
100
Time (µs)
V
IN = 15V
V
IN = 14V
V
OUT (AC)
C
IN = COUT = 10 µF
I
OUT = 20 mA
-40
-20
0
20
40
60
80
100
120
140
0
3
6
9
12
15
18
0
20406080
100
Time (µs)
V
IN = 14V
V
IN = 15V
V
OUT (AC)
C
IN = COUT = 10 µF
I
OUT = 20 mA
-40
-20
0
20
40
60
80
10
11
12
13
14
15
16
0
20406080
100
Time (µs)
V
IN = 15V
V
IN = 14V
V
OUT (AC)
C
IN = COUT = 10 µF
I
OUT = 20 mA
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
Time (ms)
V
IN = 14V
V
OUT = 5V
C
IN = COUT = 10 µF
I
OUT = 1 mA to 20 mA Pulse
20 mA
1 mA
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.00.5
1.01.5
2.02.5
Time (ms)
1 mA
V
IN = 14V
V
OUT = 12V
C
IN = COUT = 10 µF
I
OUT = 1 mA to 20 mA Pulse
20 mA
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
6
101418222630
V
IN (V)
V
OUT = 12V
C
IN = COUT = 10 µF
I
OUT = 20 mA
Charge Pump
Switch Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com