Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 8Page - Microchip Technology MCP8025 Datasheet HTML 9Page - Microchip Technology MCP8025 Datasheet HTML 10Page - Microchip Technology MCP8025 Datasheet HTML 11Page - Microchip Technology MCP8025 Datasheet HTML 12Page - Microchip Technology MCP8025 Datasheet HTML 13Page - Microchip Technology MCP8025 Datasheet HTML 14Page - Microchip Technology MCP8025 Datasheet HTML 15Page - Microchip Technology MCP8025 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
MCP8025/6
DS20005339B-page 12
 2016 Microchip Technology Inc.
Output Driver Phase Pin
Voltage
VPHASE
—
—
—
V
With respect to ground
-5.5
—
44
Continuous
-5.5
—
48
< 100 ms
Output Driver Short-Circuit
Protection Threshold
High Side (VDD –VPHx)
Low Side (VPHx –PGND)
DSC_THR
—
—
—
V
Set In Register CFG0
—0.250
—
00
(Default)
—0.500
—
01
—0.750
—
10
—1.000
—
11
Output Driver Short-Circuit
Detected Propagation Delay
TSC_DLY
——
—
ns
CLOAD = 1000 pF, VDD =12V
—
430
—
Detection after blanking
—
10
—
Detection during blanking,
value is delay after blanking
Output Driver OVLO Turn-Off
Delay
TOVLO_DLY
35
—
µs
Detection synchronized with
internal clock (Note 2)
Power-Up or Sleep to Standby
tPOWER
—
—
—
ms
CE High-Low-High
Transition < 100 µs (Fault
Clearing)
—10
—
MCP8025
—5
—
MCP8026
Standby to Motor Operational
tMOTOR
—
5
—
µs
CE High-Low-High
Transition < 0.9 ms (Fault
Clearing)
—
—
5
ms
Standby state to Operational
state (MCP8025) (Note 2)
—
—
10
ms
Standby state to Operational
state (MCP8026) (Note 2)
Fault to Driver Output Turn-Off
TFAULT_OFF
——
—
µs
CLOAD = 1000 pF, VDD =12V
Time after fault occurs
—
1
—
UVLO, OCP faults
—
10
—
All other faults
CE Low to Driver Output
Turn-Off
TDEL_OFF
—
100
250
ns
CLOAD = 1000 pF, VDD =12V
Time after CE = Low (Note 2)
CE Low to Standby State
tSTANDBY
—1
—
ms
Time after CE = Low
SLEEP bit = 0
CE Low to Sleep State
tSLEEP
—
1
—
ms
Time after CE = Low
SLEEP bit = 1
CE Fault Clearing Pulse
tFAULT_CLR
1
—
900
µs
CE High-Low-High Transition
Time (Note 2)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD = 13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com