Electronic Components Datasheet Search
  English  ▼

X  

MCP8025 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 6Page - Microchip Technology MCP8025 Datasheet HTML 7Page - Microchip Technology MCP8025 Datasheet HTML 8Page - Microchip Technology MCP8025 Datasheet HTML 9Page - Microchip Technology MCP8025 Datasheet HTML 10Page - Microchip Technology MCP8025 Datasheet HTML 11Page - Microchip Technology MCP8025 Datasheet HTML 12Page - Microchip Technology MCP8025 Datasheet HTML 13Page - Microchip Technology MCP8025 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
MCP8025/6
DS20005339B-page 10
 2016 Microchip Technology Inc.
Line Regulation
|
VOUT/
(VOUT x VDD)
|
—
0.1
0.5
%/V
6V < VDD <19V
IOUT =20mA
Load Regulation
|
VOUT/VOUT|—
0.2
0.5
%
IOUT = 0.1 mA to 15 mA
Dropout Voltage
VDD –VOUT5
—
180
350
mV
IOUT =20mA
measurement taken when
output voltage drops 2% from
no-load value
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz
IOUT =10mA
Buck Regulator
Feedback Voltage
VFB
1.19
1.25
1.31
V
Feedback Voltage Tolerance
TOLVFB
——
5.0
%
IFB =1 µA
Feedback Voltage Line
Regulation
VFB/VFB)/
VDD|
—
0.1
0.5
%/V
VDD = 6V to 28V
Feedback Voltage Load
Regulation
VFB/VFB|—
0.1
0.5
%
IOUT = 5 mA to 150 mA
Feedback Input Bias Current
IFB
-100
—
+100
nA
Sink/Source
Feedback Voltage
To Shutdown Buck Regulator
VBUCK_DIS
2.5
—
5.5
V
VDD >6V
Switching Frequency
fSW
—
461
—
kHz
Duty Cycle Range
DCMAX
3—
96
%
PMOS Switch On Resistance
RDSON
—0.6
—
TJ = 25°C
PMOS Switch Current Limit
IP(MAX)
—2.5
—
A
Ground Current –
PWM Mode
IGND
—
1.5
2.5
mA
Switching
Quiescent Current –
PFM Mode
IQ
—
150
200
µA
IOUT =0 mA
Output Voltage Adjust Range
VOUT
2.0
—
5.0
V
Output Current
IOUT
150
—
—
mA
5V, VDD – VOUT >0.5V
250
—
—
3V, VDD – VOUT > 0.5V
Output Power
POUT
—
750
—
mW
P = IOUT xVOUT
2.5A peak current
Voltage Supervisor
Buck Input Undervoltage Lock-
out – Start-Up
UVLOBK_STRT
—4.3
4.5
V
VDD rising
Buck Input Undervoltage Lock-
out – Shutdown
UVLOBK_STOP
3.8
4.0
—
V
VDD falling
Buck Input Undervoltage
Lockout Hysteresis
UVLOBK_HYS
—0.3
—
V
5V LDO Undervoltage Fault
Inactive
UVLO5VLDO_INACT
—4.5
—
V
VOUT5 rising
5V LDO Undervoltage Fault
Active
UVLO5VLDO_ACT
—4.0
—
V
VOUT5 falling
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD = 13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com