Electronic Components Datasheet Search
  English  ▼

X  

LE25S161 Datasheet(PDF) 50 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor LE25S161 Datasheet HTML 49Page - ON Semiconductor LE25S161 Datasheet HTML 50Page - ON Semiconductor LE25S161 Datasheet HTML 51Page - ON Semiconductor LE25S161 Datasheet HTML 52Page - ON Semiconductor LE25S161 Datasheet HTML 53Page - ON Semiconductor LE25S161 Datasheet HTML 54Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
LE25S161
www.onsemi.com
50
Figure 31. Write Status Register Flowcharts
Write Status Register
Start
05h
Set
Read Status Register
command
(RDSR)
Set Write Status
Register command
(WRSR)
Program start on rising
edge of CS
End of Write Status
Register
YES
Bit 0= "0" ?
06h
Write enable
(WREN)
01h
NO
* Automatically placed in write disabled state
at the end of the Write Status Register
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com