Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 122 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 122 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 118Page - Cirrus Logic CS89712-CB Datasheet HTML 119Page - Cirrus Logic CS89712-CB Datasheet HTML 120Page - Cirrus Logic CS89712-CB Datasheet HTML 121Page - Cirrus Logic CS89712-CB Datasheet HTML 122Page - Cirrus Logic CS89712-CB Datasheet HTML 123Page - Cirrus Logic CS89712-CB Datasheet HTML 124Page - Cirrus Logic CS89712-CB Datasheet HTML 125Page - Cirrus Logic CS89712-CB Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 170 page
background image
CS89712
122
DS502PP2
3.18.7
Transmit Command Status register (TxCMD, address offset 108h)
This register contains the latest transmit command which describes how the next packet should be sent. The com-
mand must be written to Ethernet Port offset 0144h in order to initiate a transmission. The software can read the
command from this register (offset 0108h). See Section 2.34,
“Transmit Operation”.
After reset, if no EEPROM is found by the CS89712, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the EE-
PROM”.
Regster value is: 0000 0000 0000 1001
Note: The CS89712 does not transmit a frame if TxLength < 3
7:6
5:0
F
E
D
TxStart
001001
TxPadDis
CB
A
9
8
InhibitCRC
Onecoll
Force
Bit
Description
5:0
001001: These bits provide an internal address used by the CS89712 to identify this as register
9, the Transmit Command Register. When reading this register, these bits will be 001001, where
the LSB corresponds to Bit 0.
7:6
TxStart: This pair of bits determines how many bytes are transferred to the CS89712 before the
MAC starts the packet transmit process.
Bit 7
Bit 6
0
0
Start transmission after 5 bytes are in the CS89712
0
1
Start transmission after 381 bytes are in the CS89712
1
0
Start transmission after 1021 bytes are in the CS89712
1
1
Start transmission after the entire frame is in the CS89712
8
Force: When set in conjunction with a new transmit command, any transmit frames waiting in
the transmit buffer are deleted. If a previous packet has started transmission, that packet is ter-
minated within 64 bit times with a bad CRC.
9
Onecoll: When this bit is set, any transmission will be terminated after only one collision. When
clear, the CS89712 allows up to 16 normal collisions before terminating the transmission.
C
InhibitCRC: When set, the CRC is not appended to the transmission.
D
TxPadDis: When TxPadDis is clear, if the software gives a transmit length less than 60 bytes
and InhibitCRC is set, then the CS89712 pads to 60 bytes. If the software gives a transmit length
less than 60 bytes and InhibitCRC is clear, then the CS89712 pads to 60 bytes and appends the
CRC.
When TxPadDis is set, the CS89712 allows the transmission of runt frames (a frame less than
64 bytes). If InhibitCRC is clear, the CS89712 appends the CRC. If InhibitCRC is set, the
CS89712 does not append the CRC
Table 72. Transmit Command Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com