Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 126 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 126 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 122Page - Cirrus Logic CS89712-CB Datasheet HTML 123Page - Cirrus Logic CS89712-CB Datasheet HTML 124Page - Cirrus Logic CS89712-CB Datasheet HTML 125Page - Cirrus Logic CS89712-CB Datasheet HTML 126Page - Cirrus Logic CS89712-CB Datasheet HTML 127Page - Cirrus Logic CS89712-CB Datasheet HTML 128Page - Cirrus Logic CS89712-CB Datasheet HTML 129Page - Cirrus Logic CS89712-CB Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 170 page
background image
CS89712
126
DS502PP2
3.18.11 Transmit Collision Counter (TxCOL, address offset 132h)
The TxCOL counter (Bits 6 through F) is incremented whenever the 10BASE-T Receive Pair (RXD+ / RXD-) be-
comes active while a packet is being transmitted. If the TxColOvfiE bit (Register B, BufCFG, Bit C) is set, there is an
interrupt when TxCOL increments from 1FFh to 200h. This interrupt provides the software with an early warning that
the TxCOL counter should be read before it reaches 3FFh and starts over (by interrupting at 200h, the software has
an additional 512 counts before TxCOL actually overflows). The TxCOL counter is cleared when read.
Reset value is: 0000 0000 0001 0010
7:6
5:0
F:8
ColCount
010010
ColCount
Bit
Description
5:0
010010: These bits provide an internal address used by the CS89712 to identify this as register
12, the Transmit Collision Counter. When reading this register, these bits will be 010010, where
the LSB corresponds to Bit 0.
7:6
F:8
ColCount: The upper ten bits contain the number of collisions.
Table 76. Transmit Collision Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com