Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 143 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 143 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 139Page - Cirrus Logic CS89712-CB Datasheet HTML 140Page - Cirrus Logic CS89712-CB Datasheet HTML 141Page - Cirrus Logic CS89712-CB Datasheet HTML 142Page - Cirrus Logic CS89712-CB Datasheet HTML 143Page - Cirrus Logic CS89712-CB Datasheet HTML 144Page - Cirrus Logic CS89712-CB Datasheet HTML 145Page - Cirrus Logic CS89712-CB Datasheet HTML 146Page - Cirrus Logic CS89712-CB Datasheet HTML 147Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 170 page
background image
CS89712
DS502PP2
143
IrDA and
RS232
Interfaces
LEDDRV
J7
O
Infrared LED drive output (UART1)
PHDIN
K4
I
Photo diode input (UART1)
TXD[1-2]
L4, G5
O
RS232 UART1 and 2 TX outputs
RXD[1-2]
M4, H3
I
RS232 UART1 and 2 RX inputs
DSR
M2
I
RS232 DSR input
DCD
N1
I
RS232 DCD input
CTS
L3
I
RS232 CTS input
LCD
DD[0-3]
D3, C3,
B3, A3
I/O
LCD serial display data; pins can be used on power up to read
the ID of some LCD modules (See Figure 31).
CL[1]
C4
O
LCD line clock
CL[2]
E5
O
LCD pixel clock
FRM
D4
O
LCD frame synchronization pulse output
M
E4
O
LCD AC bias drive
Keyboard and
Buzzer drive
LED Flasher
COL[0-7]
O
Keyboard column drives (SYSCON1)
BUZ
R8
O
Buzzer drive output (SYSCON1)
PD[0]/
LEDFLSH
R4
O
LED flasher driver — multiplexed with Port D bit 0. This pin can pro-
vide up to 4 mA of drive current.
General
Purpose I/O
PA[0:7]
I/O
Port A I/O (bit 6 for boot clock option, bit 7 for CL-PS6700 PRDY
input); also used as keyboard row inputs
PB[0]/PRDY1
PB[1]/PRDY2
PB[2:7]
I/O
Port B I/O. All eight Port B bits can be used as GPIOs.
When the PC CARD1 or 2 control bits in the SYSCON2 register are
de-asserted, PB[0] and PB[1] are available for GPIO. When
asserted, these port bits are used as the PRDY signals for connected
CL-PS6700 PC Card Host Adapter devices.
PD[0:7]
I/O
Port D I/O
PE[0]/
BOOTSEL[0]
L5
I/O
Port E I/O (3 bits only). Can be used as general purpose I/O during
normal operation.
PE[1]/
BOOTSEL[1]
M5
I/O
During power-on reset, PE[0] and PE[1] are inputs and are latched by
the rising edge of nPOR to select the memory width that the CS89712
will use to read from the boot code storage device (i.e., external 8-bit-
wide FLASH bank).
PE[2]
J8
I/O
During power-on reset, PE[2] is latched by the rising edge of nPOR to
enable the PLL clocking mode.
PWM
Drives
DRIVE[0:1]
L9, L7
I/O
PWM drive outputs. These pins are inputs on power up to determine
what polarity the output of the PWM should be when active. Other-
wise, these pins are always an output (See Table 91).
FB[0:1]
M9, P7
I
PWM feedback inputs
Boundary
Scan
TDI
G4
I
JTAG data in
TDO
J4
O
JTAG data out
TMS
T2
I
JTAG mode select
TCLK
T8
I
JTAG clock
nTRST
M15
I
JTAG async reset
Test
nTEST[0:1]
K6, J9
I
Test mode select inputs are used in conjunction with the power-on
latched state of nURESET to select the various device test modes.
Function
Signal
Name
Signal
Description
Table 90. External Signal Functions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com