Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 142 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 142 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 138Page - Cirrus Logic CS89712-CB Datasheet HTML 139Page - Cirrus Logic CS89712-CB Datasheet HTML 140Page - Cirrus Logic CS89712-CB Datasheet HTML 141Page - Cirrus Logic CS89712-CB Datasheet HTML 142Page - Cirrus Logic CS89712-CB Datasheet HTML 143Page - Cirrus Logic CS89712-CB Datasheet HTML 144Page - Cirrus Logic CS89712-CB Datasheet HTML 145Page - Cirrus Logic CS89712-CB Datasheet HTML 146Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 170 page
background image
CS89712
142
DS502PP2
Power
Management
nPWRFL
F9
I
Power fail input; active low, deglitched input to force system into the
Standby State (Note 1)
BATOK
L14
I
Main battery OK input; falling edge generates a FIQ, a low level in the
Standby State inhibits system start up; deglitched input (Note 2)
nEXTPWR
M13
I
External power sense; must be driven low if the system is powered by
an external source
nBATCHG
K13
I
New battery sense; driven low if battery voltage falls below the "no-
battery" threshold; it is a deglitched input (Note 2)
State Control
nPOR
M16
I
Power-on reset input. This signal is not deglitched. When active it
completely resets the entire system, including all the RTC registers.
Upon power-up, the signal must be held active low for a minimum of
100
µsec after V
DD has settled. During normal operation, nPOR
needs to be held low for at least one clock cycle of the selected clock
speed (i.e., when running at 74 MHz, the pulse width of nPOR needs
to be > 14 nsec).
Note that nURESET, TEST(0), TEST(1), PE(0), PE(1), PE(2),
DRIVE(0), DRIVE(1), DD(0), DD(1), DD(2), and DD(3) are all latched
on the rising edge of nPOR.
RUN
H1
O
This pin is the RUN signal. The pin will be high when the system is
active or idle, low while in the Standby State. See Table 91.
WAKEUP
F10
I
Wake up is a deglitched input signal. It must be held high for at least
125
µsec to guarantee its detection. Once detected it forces the sys-
tem into the Operating State from the Standby State. It is only active
when the system is in the Standby State. This pin is ignored when the
system is in the Idle or Operating State. It is used to wakeup the sys-
tem after first power-up, or after software has forced the system into
the Standby State. WAKEUP will be ignored for up to two seconds
after nPOR goes HIGH. Therefore, the external WAKEUP logic must
be designed to allow it to rise and stay HIGH for at least 125 usec,
two seconds after nPOR goes HIGH. (Note 2)
nURESET
H12
I
User reset input; active low deglitched input from user reset button.
This pin is also latched upon the rising edge of nPOR and read along
with the input pins nTEST[0-1] to force the device into special test
modes. nURESET does not reset the RTC. (Note 2)
DAI, Codec or
SSI2
Interface
(SeeTable 22 )
.
SSICLK
T3
I/O
DAI/Codec/SSI2 clock signal
SSITXFR
K9
I/O
DAI/Codec/SSI2 serial data output frame/synchronization pulse out-
put
SSITXDA
K10
O
DAI/Codec/SSI2 serial data output
SSIRXDA
P5
I
DAI/Codec/SSI2 serial data input
SSIRXFR
L8
I/O
SSI2 serial data input frame/synchronization pulse
DAI external clock input
ADC
Interface
(SSI1)
ADCCLK
M8
O
Serial clock output
nADCCS
N6
O
Chip select for ADC interface
ADCOUT
T6
O
Serial data output
ADCIN
R5
I
Serial data input
SMPCLK
N7
O
Sample clock output
Function
Signal
Name
Signal
Description
Table 90. External Signal Functions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com