Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 138 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 138 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 134Page - Cirrus Logic CS89712-CB Datasheet HTML 135Page - Cirrus Logic CS89712-CB Datasheet HTML 136Page - Cirrus Logic CS89712-CB Datasheet HTML 137Page - Cirrus Logic CS89712-CB Datasheet HTML 138Page - Cirrus Logic CS89712-CB Datasheet HTML 139Page - Cirrus Logic CS89712-CB Datasheet HTML 140Page - Cirrus Logic CS89712-CB Datasheet HTML 141Page - Cirrus Logic CS89712-CB Datasheet HTML 142Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 170 page
background image
CS89712
138
DS502PP2
4.1.6
Loopback/Collision Diagnostic Tests
Internal and external Loopback and Collision tests
can be used to verify the CS89712’s Ethernet port
functionality. Internal tests allow the major digital
functions to be tested, independent of the analog
functions. During these tests, the Manchester en-
coder is connected to the decoder. All digital cir-
cuits are operational, and the transmitter and
receiver are disabled. External test modes allow the
complete chip to be tested without connecting it di-
rectly to an Ethernet network.
4.1.7
Loopback Tests
During Loopback tests, the internal Carrier Sense
(CRS) signal, used to detect collisions, is ignored,
allowing packet reception during transmission.
4.1.8
10BASE-T Loopback/Collision Tests
10BASE-T Loopback and Collision Tests are con-
trolled by two bits in the Test Control register:
FDX (Register 19, TestCTL, Bit E) and ENDE-
Cloop (Register 19, TestCTL, Bit 9). Table 88 de-
scribes these tests.
4.2 In-Circuit Emulation
4.2.1
Introduction
EmbeddedICE
™ is an extension to the architecture
of the ARM family of processors, and provides the
ability to debug cores that are deeply embedded
into systems. It consists of three parts:
1) A set of extensions to the ARM core
2) The EmbeddedICE macrocell, which provides
external access to the extensions
Test Mode
FDX
ENDECloop
DisableLT
Description of Test
10BASE-T Internal
Loopback
1
1
1
Transmit a frame and verify that the frame is
received without error.
10BASE-T Internal
Collision
0
1
1
Transmit frames and verify that collisions are
detected and that the internal counters function
properly. After 16 collisions, verify that 16coll
(Register 8, TxEvent, Bit F) is set.
10BASE-T
External Loop-
back
1
0
0
Connect TXD+ to RXD+ and TXD- to RXD-.
Transmit a frame and verify that the frame is
received without error.
10BASE-T
External Collision
0
0
0
Connect TXD+ to RXD+ and TXD- to RXD-.
Transmit frames and verify that collisions are
detected and that internal counters function
properly. After 16 collisions, verify that 16coll
(Register 8, TxEvent, Bit F) is set.
Table 88. 10BASE-T Loopback and Collision Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com