Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 134 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 134 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 130Page - Cirrus Logic CS89712-CB Datasheet HTML 131Page - Cirrus Logic CS89712-CB Datasheet HTML 132Page - Cirrus Logic CS89712-CB Datasheet HTML 133Page - Cirrus Logic CS89712-CB Datasheet HTML 134Page - Cirrus Logic CS89712-CB Datasheet HTML 135Page - Cirrus Logic CS89712-CB Datasheet HTML 136Page - Cirrus Logic CS89712-CB Datasheet HTML 137Page - Cirrus Logic CS89712-CB Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 170 page
background image
CS89712
134
DS502PP2
CS89712 does not transmit a frame if TxLength is less than 3. See Section 2.34,
“Transmit Operation”.
Since this register is write-only, its initial state after reset is undefined.
3.19.2
Transmit Length (TxLength, address offset 146h)
This register is used in conjunction with the TxCMD register. When a transmission is initiated via a command in Tx-
CMD, the length of the transmitted frame is written into this register. The length of the transmitted frame may be
modified by the configuration of the TxPadDis and InhibitCRC bits in the TxCMD register. See Table 30, and Section
2.34,
“Transmit Operation”. TxLength must be >3 and < 1519.
Since this register is write-only, its initial state after reset is undefined.
3.20 Address Filter Registers
3.20.1
Logical Address Filter (hash table, address offset 0150h)
The CS89712 hashing decoder circuitry compares its output with one bit of the Logical Address Filter Register. If
the decoder output and the Logical Address Filter bit match, the frame passes the hash filter and the Hashed bit
Bit
Description
001001: These bits provide an internal address used to identify this as register 9. When read-
ing this register, these bits will be 001001, where the LSB corresponds to Bit 0.
TxStart: This pair of bits determines how many bytes are transferred to the CS89712 before
the MAC starts the packet transmit process.
Force: When set in conjunction with a new transmit command, any transmit frames waiting in
the transmit buffer are deleted. If a previous packet has started transmission, that packet is ter-
minated within 64 bit times with a bad CRC.
Onecoll: When this bit is set, any transmission will be terminated after only one collision. When
clear, the CS89712 allows up to 16 normal collisions before terminating the transmission.
InhibitCRC: When set, the CRC is not appended to the transmission.
TxPadDis: When TxPadDis is clear, if the software gives a transmit length less than 60 bytes
and InhibitCRC is set, then the Ethernet port pads to 60 bytes. If the software gives a transmit
length less than 60 bytes and InhibitCRC is clear, then the CS89712 pads to 60 bytes and
appends the CRC.
When TxPadDis is set, the CS89712 allows the transmission of runt frames (a frame less than
64 bytes). If InhibitCRC is clear, the CS89712 appends the CRC. If InhibitCRC is set, the
CS89712 does not append the CRC.
Table 84. Transmit Command
Address 0147h
Address 0146h
Most-significant byte of Transmit Frame Length
Least-significant byte of Transmit Frame Length
Bit 7
Bit 6
0
0
Start transmission after 5 bytes are in the CS89712
0
1
Start transmission after 381 bytes are in the CS89712
1
0
Start transmission after 1021 bytes are in the CS89712
1
1
Start transmission after the entire frame is in the CS89712
Address 0157h Address 0156h Address 0155h Address 0154h Address 0153h Address 0152h Address 0151h Address 0150h
Most-signifi-
cant byte of
hash filter.
Least-signifi-
cant byte of
hash filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com