Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 133 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 133 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 129Page - Cirrus Logic CS89712-CB Datasheet HTML 130Page - Cirrus Logic CS89712-CB Datasheet HTML 131Page - Cirrus Logic CS89712-CB Datasheet HTML 132Page - Cirrus Logic CS89712-CB Datasheet HTML 133Page - Cirrus Logic CS89712-CB Datasheet HTML 134Page - Cirrus Logic CS89712-CB Datasheet HTML 135Page - Cirrus Logic CS89712-CB Datasheet HTML 136Page - Cirrus Logic CS89712-CB Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 170 page
background image
CS89712
DS502PP2
133
3.18.18 Test Control Register (TestCTL, address offset 0118h)
TestCTL controls the diagnostic test modes of the CS89712.
At reset, if no EEPROM is found by the CS89712, then the register has the following initial state. If an EEPROM is
found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the EEPROM”.
Reset value is: 0000 0000 0001 1001
3.19 Initiate Transmit Registers
3.19.1
Transmit Command Request Register (TxCMD, address offset 144h)
The word written to offset 0144h tells the CS89712 how the next packet should be transmitted. Note that this Ether-
net Port location is write-only, and the written word can be read from Ethernet address offset 0108h. The
76
5:0
F
E
D
DisableLT
011001
FDX
CB
A
9
8
Disable Backoff
RSVD
ENDEC loop
Bit
Description
011001: These bits provide an internal address used by the CS89712 to identify this as register
19, the Test Control Register.
DisableLT: When set, the 10BASE-T interface allows packet transmission and reception
regardless of the link status. DisableLT is used in conjunction with the LinkOK (Register 14,
LineST, Bit 7) as follows:
ENDECloop: When set, the CS89712 enters internal loopback mode where the internal
Manchester encoder output is connected to the decoder input. The 10BASE-T are disabled.
When clear, the CS89712 is configured for normal operation
Disable Backoff: When set, the backoff algorithm is disabled. The CS89712 transmitter looks
only for completion of the inter packet gap before starting transmission. When clear, the back-
off algorithm is used.
FDX: When set, 10BASE-T full duplex mode is enabled and CRS (Register 14, LineST, Bit E)
is ignored. This bit must be set when performing loopback tests on the 10BASE-T port. When
clear, the CS89712 is configured for standard half-duplex 10BASE-T operation.
RSVD: Reserved; must be a “0” when writing to this register.
Table 83. Test Control
LinkOK
DisableLT
0
0
No packet transmission for reception allowed.
Transmitter sends link impulses.
0
1
DisableLT overrides LinkOK to allow packet
transmission and reception. Transmitter does not
send link pulses.
1
N/A
Disable has no meaning if LinkOK = 1.
7:6
5:0
F
E
D
TxStart
001001
TxPadDis
CBA
9
8
InhibitCRC
Onecoll
Force



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com