Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 136 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 136 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 132Page - Cirrus Logic CS89712-CB Datasheet HTML 133Page - Cirrus Logic CS89712-CB Datasheet HTML 134Page - Cirrus Logic CS89712-CB Datasheet HTML 135Page - Cirrus Logic CS89712-CB Datasheet HTML 136Page - Cirrus Logic CS89712-CB Datasheet HTML 137Page - Cirrus Logic CS89712-CB Datasheet HTML 138Page - Cirrus Logic CS89712-CB Datasheet HTML 139Page - Cirrus Logic CS89712-CB Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 170 page
background image
CS89712
136
DS502PP2
4. TEST & DEBUG MODES
The CS89712 supports a number of hardware acti-
vated test and debug modes.
4.1 Entering test modes
Test modes are activated by the pin combinations
shown in Table 85. All latched signals will only al-
ter test modes while NPOR is low, their state is
latched on the rising edge of NPOR. This allows
these signals to be used normally during various
test modes.
Within each test mode, a selection of pins is used as
multiplexed outputs or inputs to provide / monitor
the test signals unique to that mode.
4.1.1
Oscillator and PLL Bypass Mode
This mode is selected by nTEST[0] = 1 and
nTEST[1] = 0.
In this mode, all the internal oscillators and PLL are
disabled, and the appropriate crystal oscillator pins
become the direct external oscillator inputs bypass-
ing the oscillator and PLL. MOSCIN must be driv-
en by a 36.864 MHz clock source and RTCIN by a
32.768 kHz source.
4.1.2
Oscillator and PLL Test Mode
This
mode
is
selected
by
nTEST[0] = 0,
nTEST[1] = 1, Latched nURESET = 0
This test mode will enable the main oscillator and
will output various buffered clock and test signals
derived from the main oscillator, PLL, and 32-kHz
oscillator. All internal logic in the CS89712 will be
static and isolated from the oscillators, with the ex-
ception of the 6-bit ripple counter used to generate
576 kHz and the Real-Time Clock divide chain.
Port A is used to drive the inputs of the PLL direct-
ly, and the various clock and PLL outputs are mon-
itored on the COL pins. Table 86 defines the
CS89712 signal pins used in this test mode. This
mode is only intended to allow test of the oscilla-
tors and PLL. Note that these inputs are inverted
before being passed to the PLL to ensure that the
default state of the port (all zero) maps onto the cor-
rect default state of the PLL (TSEL = 1, XTALON
= 1, PLLON = 1, D0 = 0, D1 = 1, PLLBP = 0). This
state will produce the correct frequencies as shown
in Table 86. Any other combinations are for testing
the oscillator and PLL and should not be used in-
circuit.
Test Mode
Latched
nMEDCHG
Latched
PE[0]
Latched
PE[1]
Latched
nURESET
nTEST[0]
nTEST[1]
Normal operation
(32-bit boot)
10
0
X
1
1
Normal operation
(8-bit boot)
11
0
X
1
1
Normal operation
(16-bit boot)
10
1
X
1
1
Alternative test ROM
boot
0X
X
X
1
1
Oscillator / PLL bypass
X
X
X
X
1
0
Oscillator / PLL test
mode
X
X
X
001
ICE Mode
X
X
X
1
0
0
System test (all HiZ)
X
X
X
0
0
0
Table 85. CS89712 Hardware Test Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com