Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 191Page - PMC-Sierra, Inc PM5347 Datasheet HTML 192Page - PMC-Sierra, Inc PM5347 Datasheet HTML 193Page - PMC-Sierra, Inc PM5347 Datasheet HTML 194Page - PMC-Sierra, Inc PM5347 Datasheet HTML 195Page - PMC-Sierra, Inc PM5347 Datasheet HTML 196Page - PMC-Sierra, Inc PM5347 Datasheet HTML 197Page - PMC-Sierra, Inc PM5347 Datasheet HTML 198Page - PMC-Sierra, Inc PM5347 Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
179
Register 0x5B: RACP Receive Cell Counter (MSB)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R
RCELL[20]
X
Bit 3
R
RCELL[19]
X
Bit 2
R
RCELL[18]
X
Bit 1
R
RCELL[17]
X
Bit 0
R
RCELL[16]
X
RCELL[20:0]:
The RCELL[20:0] bits indicate the number of cells received and written into
the receive FIFO during the last accumulation interval. Cells received and
filtered due to HCS errors or Idle/Unassigned cell matches are not counted.
The counter should be polled every second to avoid saturation. The contents
of these registers are valid 2 µs after a transfer is triggered by a write to the
receive cell count register space, the correctable HCS error count register
space, or to the uncorrectable HCS error count register space.
The count can also be polled by writing to the S/UNI-PLUS Master Reset and
Identity / Load Performance Meters register (0x00). Writing to register
address 0x00 loads all the counter registers in the RSOP, RLOP, RPOP,
RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com