Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 196 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 196 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 192Page - PMC-Sierra, Inc PM5347 Datasheet HTML 193Page - PMC-Sierra, Inc PM5347 Datasheet HTML 194Page - PMC-Sierra, Inc PM5347 Datasheet HTML 195Page - PMC-Sierra, Inc PM5347 Datasheet HTML 196Page - PMC-Sierra, Inc PM5347 Datasheet HTML 197Page - PMC-Sierra, Inc PM5347 Datasheet HTML 198Page - PMC-Sierra, Inc PM5347 Datasheet HTML 199Page - PMC-Sierra, Inc PM5347 Datasheet HTML 200Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
180
Register 0x5C: RACP GFC Control and Miscellaneous Control
Bit
Type
Function
Default
Bit 7
R/W
CDDIS
0
Bit 6
R/W
RXBYTEPRTY
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
RGFCE[3]
1
Bit 2
R/W
RGFCE[2]
1
Bit 1
R/W
RGFCE[1]
1
Bit 0
R/W
RGFCE[0]
1
RGFCE[3:0]:
The RGFCE[3:0] bits are used to enable the GFC[3:0] bits serialized on
output RGFC. For example, when RGFCE[3] is a logic one, the GFC[3] bit is
output on RGFC. When RGFCE[3] is a logic zero, the GFC[3] bit is not output
on RGFC.
RXBYTEPRTY:
The receive byte parity, RXBYTEPRTY, mode bit selects between byte and
word parity mode for outputs RXPRTY[1:0]. When the RXBYTEPRTY bit is
set to logic one, byte parity mode is selected; otherwise, word parity mode is
selected. In byte parity mode, RXPRTY[1] is the parity bit for outputs
RDAT[15:8], and RXPRTY[0] is the parity bit for outputs RDAT[7:0]. In word
parity mode, RXPRTY[1] is the parity bit for outputs RDAT[15:0], and
RXPRTY[0] is held low. Word parity mode can only be selected when the
BUS8 input is low (i.e., the 16-bit FIFO interface is selected).
CDDIS:
The cell delineation disable bit, CDDIS, is used to defeat the cell delineation
function. When the CDDIS bit is set to logic one, HCS errors are ignored,
which makes every byte appear like a valid cell boundary. Ignoring HCS
errors causes the cell delineation state machine to lock onto an arbitrary cell
boundary and to enter and remain in the SYNC state. Once in the SYNC
state, the incoming data is written to the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com