Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 197 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 197 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 193Page - PMC-Sierra, Inc PM5347 Datasheet HTML 194Page - PMC-Sierra, Inc PM5347 Datasheet HTML 195Page - PMC-Sierra, Inc PM5347 Datasheet HTML 196Page - PMC-Sierra, Inc PM5347 Datasheet HTML 197Page - PMC-Sierra, Inc PM5347 Datasheet HTML 198Page - PMC-Sierra, Inc PM5347 Datasheet HTML 199Page - PMC-Sierra, Inc PM5347 Datasheet HTML 200Page - PMC-Sierra, Inc PM5347 Datasheet HTML 201Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
181
Register 0x60: TACP Control/Status
Bit
Type
Function
Default
Bit 7
R/W
FIFOE
0
Bit 6
R
TSOCI
X
Bit 5
R
FOVRI
X
Bit 4
R/W
DHCS
0
Bit 3
R/W
HCSB
0
Bit 2
R/W
HCSADD
1
Bit 1
R/W
DSCR
0
Bit 0
R/W
FIFORST
0
FIFORST:
The FIFORST bit is used to reset the four cell transmit FIFO. When FIFORST
is a logic zero, the FIFO operates normally. When FIFORST is a logic one, the
FIFO is immediately emptied and ignores writes. The FIFO remains empty
and continues to ignore writes until FIFORST is cleared. Idle/unassigned
cells are transmitted until a subsequent cell is written to the transmit FIFO.
DSCR:
The DSCR bit controls the scrambling of the cell payload. When DSCR is a
logic one, cell payload scrambling is disabled. When DSCR is a logic zero,
payload scrambling is enabled.
HCSADD:
The HCSADD bit controls the addition of the coset polynomial, x6+x4+x2+1,
to the HCS octet prior to insertion in the transmit stream. When HCSADD is a
logic one, the polynomial is added, and the resulting HCS is inserted. When
HCSADD is a logic zero, the polynomial is not added, and the unmodified
HCS is inserted. HCSADD takes effect unconditionally regardless of whether
an idle/unassigned cell is being transmitted or whether the HCS octet has
been read from the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com