Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 198 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 198 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 194Page - PMC-Sierra, Inc PM5347 Datasheet HTML 195Page - PMC-Sierra, Inc PM5347 Datasheet HTML 196Page - PMC-Sierra, Inc PM5347 Datasheet HTML 197Page - PMC-Sierra, Inc PM5347 Datasheet HTML 198Page - PMC-Sierra, Inc PM5347 Datasheet HTML 199Page - PMC-Sierra, Inc PM5347 Datasheet HTML 200Page - PMC-Sierra, Inc PM5347 Datasheet HTML 201Page - PMC-Sierra, Inc PM5347 Datasheet HTML 202Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
182
HCSB:
The HCSB bit enables the internal generation and insertion of the HCS octet
into the transmit cell stream. When HCSB is a logic zero, the HCS is
generated and inserted internally. When HCSB is a logic one, the HCS octet
read from the FIFO is inserted unaltered into the transmit cell stream. An
HCS is generated for idle/unassigned cells regardless of the state of this bit.
DHCS:
The DHCS bit controls the insertion of HCS errors for diagnostic purposes.
When DHCS is a logic one, the HCS octet is inverted prior to insertion in the
transmit stream. DHCS takes effect unconditionally regardless of whether an
idle/unassigned cell is being transmitted or whether the HCS octet has been
read from the FIFO.
FOVRI:
The FOVRI bit is the transmit FIFO overrun interrupt status bit. FOVRI is a
logic one when a FIFO overrun occurs. This bit is cleared when this register
is read.
TSOCI:
The TSOCI bit is a logic one when the TSOC input is sampled high during
any position other than the first word of the cell data structure. The write
address counter is reset to the first word of the data structure when TSOC is
sampled high. This bit is cleared when this register is read.
FIFOE:
The FIFOE bit enables the generation of an interrupt due to a FIFO overrun
error condition, or when the TSOC input is sampled high during any position
other than the first word of the cell data structure. When FIFOE is a logic
one, the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com