Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 10Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 11Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 12Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
S39421
9
2024 9.0 8/8/00
FIGURE 4.
VCC5
≥ 1V
SHUT OFF
VGTE5
VGTE3
DRVREN
PWR_VLD
SGNL-VLD
NO
YES
NO
YES
YES
NO
TURN ON
PWR_VLD
tPURST
TIMEOUT?
RELEASE
RESETS
TURN ON
NO
YES
PND1
&
PND2?
VSEL
HI ?
ASSERT
RESET
OUTPUTS
YES
HOST
3VOLT
OK?
NO
YES
HOST
5V & 3V
OK?
TURN-ON
VGTE5
VGTE3
DRVREN
NO
SGNL_VLD
CARD 5V & 3V
OK?
START
RESET
TIMER
2024 ILL6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com