Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 13Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 14Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 15Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 16Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 17Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 18Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 19Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
S39421
17
2024 9.0 8/8/00
56k
Ω
47nF
47nF
GND
56k
Ω
VGATE5
VGATE3
to 5V MOSFET
to 3V MOSFET
2024 ILL25.0
Card Power-Down
The S39421 provides a turn-on slew-rate of 250V/s and a
fast turn-off performed by internally shorting the VGATE3
and VGATE5 outputs to ground. If the card circuitry or
host power supply cannot accept a fast shutdown then a
CR time constant may be added as shown below. The
resistors in series with the 47nF(X7R) capacitors increase
the discharge time of the MOSFET gates. The values
shown provide a shutdown slew of ~5V/ms. Decreasing
the resistor values increases the shutdown slew-rate, and
vice-versa. The capacitor values may also be increased
but this will decrease the 250V/s turn-on slew-rate.
FIGURE 20. POWER-DOWN RAMP RATE CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com