Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 10Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 11Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 12Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 13Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 14Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 15Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 16Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 17Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
S39421
2024 9.0 8/8/00
Data Download Control
There are a number of ways to implement the data
download mode of operation. For applications that do not
require use of this feature, simply ground the DD pin and
disable the function altogether.
RESET
DD
System
Reset
2024 ILL8.0
FIGURE 12. DD DISABLED
FIGURE 14. ASIC CONTROL
FIGURE 13. ONE TIME DOWNLOAD
RESET
DD
CS
SK
DO
DI
ASIC I/Oa
I/Ob
I/Oc
I/Od
I/Oe
RESET
2024 ILL10.0
In Figure 13, DD is tied to VCC through a pull-up resistor.
This will allow only a single download after power on. The
actual download function would not be enabled until
tPURST had expired and CS was brought high. As soon as
CS is deselected the DD mode will be disabled. The
primary disadvantage to this method is the lack of a reload
after brownout. The DD mode may or may not be initiated
depending on how low the power is cycled.
In Figure 14, the S39421 DD mode is 100% under the control of the add-in board’s ASIC. The pull-down resistors insure
CS and DD do not float while the ASIC is in a reset state or shortly thereafter, which may lead to spurious activity on
CS and DD, possibly indicating a false DD request.
System
Reset
RESET
DD
2024 ILL9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com