Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 26 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 26 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 23Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 24Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 25Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 26Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 27Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 28Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
S39421
2024 9.0 8/8/00
Appendix A
MOSFETs suitable for use with the S39421 Hot-Swap Controller
N-Channel MOSFETs
Part Number
Manufacturer
V(BR)DSS
RDS(on) @ VGS=10V
ID cont.
Package
IRF7603
Int. Rectifier
30V
35 milliohms max
4.5A
Micro-8
IRF7413
Int. Rectifier
30V
11 milliohms max
9.2A
SO-8
MTSF3N03HD
Motorola
30V
40 milliohms max
3A
Micro-8
MMSF7N03HD
Motorola
30V
28 milliohms max
8A
SO-8
MTD20N03HDL2
Motorola
30V
35 milliohms max
20A
DPAK
Si6434DQ
Temic
30V
28 milliohms max
5.6A
TSSOP-8
Si6410DQ
Temic
30V
14 milliohms max
7.8A
TSSOP-8
Si4412DY
Temic
30V
28 milliohms max
7A
SO-8
Si4416DY
Temic
30V
18 milliohms max
9A
SO-8
P-Channel MOSFETs
Part Number
Manufacturer
V(BR)DSS
RDS(on) @ VGS=10V
ID cont.
Package
IRF7606
Int. Rectifier
-30V
90 milliohms max
2.9A
Micro-8
IRF7416
Int. Rectifier
-30V
20 milliohms max
7.1A
SO-8
MTSF2P03HD
Motorola
-30V
90 milliohms max
2.4A
Micro-8
MMSF3P02HD
Motorola
-20V
75 milliohms max
3A
SO-8
MTD20P03HDL2
Motorola
-30V
99 milliohms max
19A
DPAK
Si6435DQ
Temic
-30V
90 milliohms max
4.5A
TSSOP-8
Si6415DQ
Temic
-30V
19 milliohms max
6.5A
TSSOP-8
Si4431DY
Temic
-30V
40 milliohms max
5.8A
SO-8
Si4435DY
Temic
-30V
20 milliohms max
8A
SO-8
References:
VITA Standards Organization, November 1997,
VME64x Live Insertion System Requirements Draft Standard
Summit Microelectronics, Inc. S39421 Data Sheet
Texas Instruments Application Note SDYA012, October 1996,
Live Insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com