Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 19Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 23Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 24Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 25Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 26Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 27Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
S39421
23
2024 9.0 8/8/00
The S39421 will now begin monitoring the backend circuit
voltages and when they are at or above Vtrip the reset
timer will be released to begin the time out period and
CARD_V_VLD will be released. After tPURST has ex-
pired, the reset outputs will be released and SGNL_VLD
will be driven active. The SGNL_VLD signal can be tied to
the host LI/O* signal pin to indicate the card has been fully
powered, cleanly reset and is ready for action.
Backplane/Add-in Card Sequencing
A more complicated problem than the sequencing shown
above is the signal bus interface. Inserting unpowered
circuits onto the signal bus could lead to a situation of
damaging components and much more likely disrupting
the signals on the backplane. This will involve a rigorous
evaluation and selection process by the design engineer
to determine the best solution for the individual applica-
tion. However, we can examine a product family that
should resolve most of the issues the designer might
encounter. The proposed VME Live Insertion spec actu-
ally helps us narrow this down quickly by recommending
the use of ABTE logic. This is available from at least two
large manufacturers of semiconductors.
Avoidance of Bus Conflicts
Bus conflicts arise when two or more interface circuits
attempt to drive the bus simultaneously with one circuit
driving high and the other driving low. The device trying to
drive low will most likely not incur damage. But the device
trying to drive high will be dropping 5Volts on its output at
up to 120mA current. Even for very short periods of time
the high temperatures this will generate can either destroy
the device or adversely affect the long-term reliability of
the device. The best solution is to insure the transceiver’s
enable input is actively driven before the transceiver is
powered-on. Using one of the reset outputs (as shown in
figure 27) as a gating signal to a single enable input style
transceiver is one solution. With a dual enable transceiver
one of the reset outputs can be tied directly to appropriate
enable input.
FIGURE 26: BACKEND VOLTAGE CONTROL CIRCUIT
-12V
+12V
+3.3V
+5V
Gnd
Vpc
Gnd
Vpc
VCC5
CARD_3V
CARD_5V
+5V
+3.3V
-12V
+12V
S39421
2024 ILL29.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com