Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 10Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 11Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 12Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 13Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
S39421
2024 9.0 8/8/00
MEMORY OPERATION
The S39421 has a 1024-bit nonvolatile memory
intended for use with industry standard microprocessors.
The memory is organized as X16, seven 9-bit instructions
control the reading, writing and erase operations of the
device. The device operates on a single 3V or 5V supply
and will generate on chip, the high voltage required during
any write operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO pin
is normally in a high impedance state except when read-
ing data from the device, or when checking the ready/busy
status after a write operation.
The ready/busy status can be determined after the start of
a write operation by selecting the memory and polling the
DO pin; DO low indicates that the write operation is not
completed, while DO high indicates that the device is
ready for the next instruction.
The format for all instructions is: one start bit; two op code
bits and either six address or instruction bits.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin will come out of the
high impedance state and, will first output an initial dummy
zero bit, then begin shifting out the data addressed (MSB
first). The output data bits will toggle on the rising edge of
the SK clock and are stable after the specified time delay
(tPD0 or tPD1).
Continuous Read
This begins just like a standard read with the host issuing
a read instruction and clocking out the data byte [word]. If
the host then keeps CS high and continues generating
clocks on SK, the S39421 will output data from the next
higher address location. The S39421 will continue
incrementing the address and outputting data so long as
CS stays high. If the highest address is reached, the
address counter will roll over to address 0000. CS going
low will reset the instruction register and any subsequent
read must be initiated in the normal manner of issuing the
command and address.
Write
After receiving a WRITE command, address and the data,
the CS (Chip Select) pin must be deselected for a mini-
mum of 250ns (tCSMIN). The falling edge of CS will start
automatic write cycle to the memory location specified in
the instruction. The ready/busy status can be determined
by selecting the device and polling the DO pin.
Page Write
Assume WEN has been issued. The host will then take CS
high, and begin clocking in the start bit, write command
and 6-bit address immediately followed by the first 16-bit
word of data to be written. The host can then continue
clocking in 16-bit words of data with each word to be
written to the next higher address. Internally the address
pointer is incremented after receiving each group of
sixteen clocks; however, once the address counter
reaches xxx x111 it will roll over to xx x000 with the next
clock. After the last bit is clocked in no internal write
operation will occur until CS is brought low.
Erase
Upon receiving an ERASE command and address, the
CS (Chip Select) pin must be deselected for a minimum
of 250ns (tCSMIN). The falling edge of CS will start the auto
erase cycle of the selected memory location. The ready/
busy status can be determined by selecting the device
and polling the DO pin. Once cleared, the content of a
cleared location returns to a logical “1” state.
FIGURE 5. SYCHRONOUS DATA TIMING
SK
2024 ILL19.0
DI
CS
DO
t DIS
t
PD0,
t
PD1
tCSMIN
tCSS
tDIS
tDIH
tSKHI
t CSH
VALID
VALID
DATA V ALID
t SKLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com