Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 25 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 25 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 23Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 24Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 25Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 26Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 27Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 28Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
S39421
25
2024 9.0 8/8/00
FIGURE 27: A BUS INTERFACE SOLUTION
Vpc
Vcc5
Gnd
Gnd
HST_PWR
LI/I*
RESET
Vpc
Gnd
VccBias
Gnd
Vcc
SGNL_VLD
LI/O*
DRVREN
VGATE3
VGATE5
CARD_5V
CARD_3V
HST_RST
OE
ABTE245
S39421
To Add-in Card
Back-end Voltage
Ramp Circuits
Add-in Card Backend Circuitry
CARD-OE
d-1
d-2
d-32
d-31
2024 ILL30.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com