| Electronic Components Datasheet Search |
|
S39421 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
S39421 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc. |
|
11 / 28 page ![]() S39421 11 2024 9.0 8/8/00 FIGURE 6. READ INSTRUCTION TIMING SK 2024 ILL20.0 CS DI DO tCS STANDBY tHZ HIGH-Z HIGH-Z 11 0 AN AN–1 A0 0 DN DN–1 D1 D0 tPD0 Erase/Write Enable and Disable The memory powers up in the write disable state. Any writing after power-up or after an EWDS (write disable) instruction must first be preceded by the EWEN (write enable) instruction. Once the write instruction is enabled, it will remain enabled until power to the device is removed, or the EWDS instruction is sent. The EWDS instruction can be used to disable all S39421 write and clear instruc- tions, and will prevent any accidental writing or clearing of the device. Data can be read normally from the device regardless of the write enable/disable status. Write All Upon receiving a WRAL command and data, the CS (Chip Select) pin must be deselected for a minimum of 250ns (tCSMIN). The falling edge of CS will start the self clocking data write to all memory locations in the device. The clocking of the SK pin is not necessary after the device has entered the self clocking mode. The ready/busy status of the S39421 can be determined by selecting the device and polling the DO pin. It is not necessary for all memory locations to be cleared before the WRAL command is executed. FIGURE 7. WRITE INSTRUCTION TIMING SK 2024 ILL21.0 CS DI DO tCS STANDBY HIGH-Z HIGH-Z 101 AN AN-1 A0 DN D0 BUSY READY STATUS VERIFY tSV tHZ tEW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |