Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 14Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 15Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 16Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 17Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 18Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 19Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
S39421
2024 9.0 8/8/00
Boosting RESET Output Drive
The slew-rate of the RESET output is >30V/µs at the LO
to HI logic transition with a 50pF load and a 1.5ký pull-up
resistor. If the RESET output needs to drive a larger load
capacitance or needs to slew faster, then an external NPN
transistor or N-channel MOSFET must be added to boost
output current. The RESET output drives the external
transistor providing a current sink capability of >30mA on
the RESET output. Using the boost circuit with a 430ý
pull-up resistor and 100pF load capacitance, the slew-
rate increases to >50V/µs. See diagrams below.
S39421 - Circuits to Increase RESET Output Drive
10k
Ω
3.9k
Ω
RESET
RESET
2N3904
GND
4.7k
Ω
RESET
RESET
TN0200T
GND
2024 ILL26.0
FIGURE 21. RESET CURRENT BOOST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com