Electronic Components Datasheet Search
  English  ▼

X  

S39421 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 16Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 17Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 18Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 19Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 23Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
S39421
2024 9.0 8/8/00
FIGURE 23. +12V AND -12V CONTROL
Host
Bus 5V
VCC5
DRVREN
Host
-12V Bus
Host
+12V Bus
To Backend +12V
S39421
To Backend -12V
2024 ILL17.5
1.5k
Ω
0.1
µF
4.7k
Ω
330k
Ω
330k
Ω
4.7k
Ω
P-Channel
Power
MOS FET
S
D
G
0.1
µF
1N4148
0.33
µF
1N4148
0.33
µF
S
D
G
*
*
1N4148
N-Channel
Power
MOS FET
10
Ω
10
Ω
* 10 ohm resistors must be located as close as possible to the MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com