Electronic Components Datasheet Search
  English  ▼

X  

AM79C970 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 26Page - Advanced Micro Devices AM79C970 Datasheet HTML 27Page - Advanced Micro Devices AM79C970 Datasheet HTML 28Page - Advanced Micro Devices AM79C970 Datasheet HTML 29Page - Advanced Micro Devices AM79C970 Datasheet HTML 30Page - Advanced Micro Devices AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 168 page
background image
P R E L I M I N A R Y
AMD
1-897
Am79C970
Master Initiated Termination
There are three scenarios besides normal completion of
a transaction where the PCnet-PCI controller will termi-
nate the cycles it produces on the PCI bus.
Preemption When FRAME is Deasserted
The PCnet-PCI controller will generate multiple address
phases during a single bus ownership period when it is
accessing the initialization block, the descriptor ring
entries and the data buffers in main memory.
FRAME is
deasserted in between two address phases. While
FRAME is deasserted, the central arbiter can remove
GNT to the PCnet-PCI controller at any time to service
another master. When
GNT is removed, the PCnet-PCI
controller will finish the current transfer and then release
the bus. It will keep
REQ asserted to regain bus owner-
ship as soon as possible.
18220C-12
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1234567
8
ADDR
BE's
0111
PAR
PAR
PAR
DATA
DEVSEL is sampled by the PCnet-PCI controller.
Figure 10. Preemption When FRAME is Deasserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com